Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT801/DF59-22P Datasheet(PDF) 5 Page - Hirose Electric

Part # HT801/DF59-22P
Description  2mm Pitch, Multi Functional Connector System
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HT801/DF59-22P Datasheet(HTML) 5 Page - Hirose Electric

  HT801/DF59-22P Datasheet HTML 1Page - Hirose Electric HT801/DF59-22P Datasheet HTML 2Page - Hirose Electric HT801/DF59-22P Datasheet HTML 3Page - Hirose Electric HT801/DF59-22P Datasheet HTML 4Page - Hirose Electric HT801/DF59-22P Datasheet HTML 5Page - Hirose Electric HT801/DF59-22P Datasheet HTML 6Page - Hirose Electric HT801/DF59-22P Datasheet HTML 7Page - Hirose Electric HT801/DF59-22P Datasheet HTML 8Page - Hirose Electric HT801/DF59-22P Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
DF59 Series●2mm Pitch, Multi Functional Connector System (Floating [Board-to-Board], Swing-Lock [Wire-to-Board], Short-Circuit Pin)
Short-Circuit Pin
Crimp Socket
[Specification No.]
(50) : Gold plated, Tray packaging
Unit : mm
Part No.
HRS No.
No. of contacts
A
B
C
Packaged Quantity/Tray
DF59-2P-2SP(50)
667-0017-0 50
2
7.2
5.9
2.0
100
DF59-3P-2SP(50)
667-0018-3 50
3
9.2
7.9
4.0
DF59-4P-2SP(50)
667-0046-9 50
4
11.2
9.9
6.0
Note : Please order in full tray quantities.
Note : For 4 pos. type contact No.1 and 2, No.3 and 4 are connected respectively.
Unit : mm
Part No.
HRS No.
No. of contacts
A
B
C
D
DF59-2P-2C
667-0011-4 00
2
7.2
5.9
5.2
2.0
DF59-3P-2C
667-0012-7 00
3
9.2
7.9
7.2
4.0
DF59-4P-2C
667-0013-0 00
4
11.2
9.9
9.2
6.0
Note : Please order in full pack quantities. (100 pcs/pack)
[Specification No.]
None : 100 pcs/pack



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com