Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT801/DF59-22P Datasheet(PDF) 7 Page - Hirose Electric

Part # HT801/DF59-22P
Description  2mm Pitch, Multi Functional Connector System
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HT801/DF59-22P Datasheet(HTML) 7 Page - Hirose Electric

Back Button HT801/DF59-22P Datasheet HTML 3Page - Hirose Electric HT801/DF59-22P Datasheet HTML 4Page - Hirose Electric HT801/DF59-22P Datasheet HTML 5Page - Hirose Electric HT801/DF59-22P Datasheet HTML 6Page - Hirose Electric HT801/DF59-22P Datasheet HTML 7Page - Hirose Electric HT801/DF59-22P Datasheet HTML 8Page - Hirose Electric HT801/DF59-22P Datasheet HTML 9Page - Hirose Electric HT801/DF59-22P Datasheet HTML 10Page - Hirose Electric HT801/DF59-22P Datasheet HTML 11Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
DF59 Series●2mm Pitch, Multi Functional Connector System (Floating [Board-to-Board], Swing-Lock [Wire-to-Board], Short-Circuit Pin)
Part No.
HRS No.
DF59S-1P-FC(21)
667-0023-3 21
Note : Please order in full reel quantities. (10,000 pcs/reel)
Plug center
markings
HRS logo mark
CAV No.
2.±0.37
1.13±0.2
Single Contact Type Floating Plug
[Specification No.]
(21) : Tin plating, emboss packaging
CAV No.
HRS logo mark
Plug center
markings
1.17±0.2
1.7±0.2
Single Contact Slim Type Floating Plug
Part No.
HRS No.
DF59SN-1P-FC(21)
667-0028-7 21
Note : Please order in full reel quantities. (10,000 pcs/reel)
Note : Use the special (DF59SN-1P-FC/IN-TOOL) tool for connector insertion.
[Specification No.]
(21) : Tin plating, emboss packaging
Part No.
HRS No.
DF59S-1S-V(21)
667-0024-6 21
Note : Please order in full reel quantities. (10,000 pcs/reel)
Contact
portion
Lock portion
Board edge
Board
edge
1.5±0.05
1.5±0.05
Distance between pads:3.0mm Min.
Distance between pads:3.0mm Min.
Contact
portion
Lock
portion
B-B
Unreeling Direction
B
B
A
A
A-A
4±0.1
4±0.1
2±0.1
t=0.3±0.05
Lock portion
Contact portion
Vacuum area
1.7±0.3
1.1±0.2
1.7±0.3
1.1±0.2
1±0.15
1±0.2
1±0.2
Single Contact Type Straight Receptacle (SMT)
[Specification No.]
(21) : Tin plating, emboss packaging
●Packaging Dimensions
●Recommended PCB Dimensions (t=1.6mm)
Mount the lock portion side
towards the board edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com