Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT801/DF59-22P Datasheet(PDF) 1 Page - Hirose Electric

Part # HT801/DF59-22P
Description  2mm Pitch, Multi Functional Connector System
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HT801/DF59-22P Datasheet(HTML) 1 Page - Hirose Electric

  HT801/DF59-22P Datasheet HTML 1Page - Hirose Electric HT801/DF59-22P Datasheet HTML 2Page - Hirose Electric HT801/DF59-22P Datasheet HTML 3Page - Hirose Electric HT801/DF59-22P Datasheet HTML 4Page - Hirose Electric HT801/DF59-22P Datasheet HTML 5Page - Hirose Electric HT801/DF59-22P Datasheet HTML 6Page - Hirose Electric HT801/DF59-22P Datasheet HTML 7Page - Hirose Electric HT801/DF59-22P Datasheet HTML 8Page - Hirose Electric HT801/DF59-22P Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
DF59 Series
2016.1
e
Features
●Common to all series
1. High Operating Temperature
DF59’s are rated at temperatures up to 105 ç.
●DF59
2. Swing Lock Structure (Wire-to-Board)
The DF59 features a “swing-lock” mechanism that employs
both a positive and friction lock. This helps to prevent
accidental unmating by severe wiring and mechanical stress.
3. Short-Circuit Pin
The Short-Circuit Pin allows the termination of an open circuit.
Typically used at the end of a series of connected circuit boards.
4. Multi Function Design
The DF59 has the ability to function as either a Board-to-
Wire or Board-to-Board System. The PCB mounted
receptacle is designed to mate with the W-to-B, B-to-B,
and Short Circuit Pin connectors. This multi function ability
allows versatility while keeping connectors to a minimum.
5. Contact Design
The terminal design features two-point contact to
ensure a highly reliable connection.
6. Common Applicator
Crimping can be performed using the applicator (AP105-
DF11-22S) for the existing series DF11-22S C F(A), by
replacing the die with the one for DF59 series.
* For crimping quality standards and crimping conditions,
crimping needs to be performed in accordance with the
specific conditions of DF59-22PCFA.
●Common to DF59/59S/59SN
7. Floating Structure (Board-to-Board)
The Board-to-Board connector can be used to connect two PCB
together in a co-planar arrangement and features a “Stress free
contact” that floats ± 0.5mm in the X, Y and Z dimensions.
8. Space Savings
The DF59 series offers high performance in a compact,
space saving design; featuring a 2mm pitch and coupled
with a mated height of only 2.48mm with AWG#22 cable.
The single position floating plugs DF59S and DF59SN
are specifically designed to save space, and can be
mounted in high density applications.
9. Robust locking structure on DF59M (W-to-B Connection)
The lock mechanism on compact DF59M provides
16N horizontal lock strength. (Fig.4)
10. Standardization of PCB layout
The DF59S/SN type is used on board-to-board connections,
and the DF59M type is intended for wire-to-board
connections. Although they have different receptacles, the
PCB mounting pattern can be used for these two types.
Different combinations of these connectors can be used in the
same system with a common PCB. This allows for
standardization of PCB. (Fig.5)
(Note) Each stencil mask is necessary
DF59 floating amount ±0.5mm(X,Y, Z directions)
DF59S/SN floating amount
±0.5mm(X,Y direction), ±0.2mm(Z direction)
2mm Pitch, Multi Functional Connector System
(Floating [Board-to-Board], Swing-Lock [Wire-to-Board], Short-Circuit Pin)
Positive Lock
Friction Lock
2.48mm
Short-Circuit Pin
Swing-Lock Structure
(Board-to-Wire Type)
Fig.1
Fig.2
Fig.3
W-to-B structure (DF59M)
Fig.4
Standardization of PCB pattern
Fig.5
DF59S/SN type and DF59M type can be used in the
same system by using a common PCB.
Clear tactile click and high locking strength achieved
by the robust locking mechanism
Mating force : 16N min. (in a horizontal direction)
16N min.


Similar Part No. - HT801/DF59-22P

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HT802/DF63-1618P-1 HIROSE-HT802/DF63-1618P-1 Datasheet
829Kb / 8P
15A 3.96mm pitch Wire-to-Board Connectors for Internal Power Supply
HT802/DF63-1618P-1 HIROSE-HT802/DF63-1618P-1 Datasheet
224Kb / 6P
3.96mm pitch compact waterproof connectors for internal power supplies
HT802/DF63-1618P-2 HIROSE-HT802/DF63-1618P-2 Datasheet
829Kb / 8P
15A 3.96mm pitch Wire-to-Board Connectors for Internal Power Supply
HT802/DF63-1618P-2 HIROSE-HT802/DF63-1618P-2 Datasheet
224Kb / 6P
3.96mm pitch compact waterproof connectors for internal power supplies
HT802/DF63-1618S-1 HIROSE-HT802/DF63-1618S-1 Datasheet
829Kb / 8P
15A 3.96mm pitch Wire-to-Board Connectors for Internal Power Supply
More results

Similar Description - HT801/DF59-22P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PQ09R05 ETC1-PQ09R05 Datasheet
245Kb / 2P
MULTI-FUNCTIONAL REGULATOR MODULE
logo
Omron Electronics LLC
H3CR-A OMRON-H3CR-A Datasheet
401Kb / 22P
Solid-state Multi-functional Timer
logo
Keysight Technologies
TS-5020 KEYSIGHT-TS-5020 Datasheet
665Kb / 9P
TS-5020 Automotive Electronics Functional Test System
TS-8900 KEYSIGHT-TS-8900 Datasheet
770Kb / 63P
TS-8900 Automotive Electronics Functional Test System
TS-8989 KEYSIGHT-TS-8989 Datasheet
678Kb / 2P
PXI Functional Test System
logo
Molex Electronics Ltd.
64016-0039 MOLEX-64016-0039 Datasheet
131Kb / 3P
ServiceGrade횚 Multi-Functional Tool
07-10-12
ATS-640160039 MOLEX-ATS-640160039 Datasheet
131Kb / 3P
ServiceGradeÔ Multi-Functional Tool
07-10-12
logo
Logic Fruit Technologie...
SMFD LFTECH-SMFD Datasheet
190Kb / 2P
Smart Multi-Functional Display (SMFD)
logo
Bivar, Inc.
922-341 BIVAR-922-341 Datasheet
64Kb / 1P
MULTI-FUNCTIONAL T-1 (3mm) LED HOLDER
01/28/03
922-342 BIVAR-922-342 Datasheet
64Kb / 1P
MULTI-FUNCTIONAL T-1 (3mm) LED HOLDER
01/28/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com