Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HY29F080 Datasheet(PDF) 17 Page - Hynix Semiconductor

Part # HY29F080
Description  8 Megabit (1M x 8), 5 Volt-only, Flash Memory
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY29F080 Datasheet(HTML) 17 Page - Hynix Semiconductor

Back Button HY29F080 Datasheet HTML 13Page - Hynix Semiconductor HY29F080 Datasheet HTML 14Page - Hynix Semiconductor HY29F080 Datasheet HTML 15Page - Hynix Semiconductor HY29F080 Datasheet HTML 16Page - Hynix Semiconductor HY29F080 Datasheet HTML 17Page - Hynix Semiconductor HY29F080 Datasheet HTML 18Page - Hynix Semiconductor HY29F080 Datasheet HTML 19Page - Hynix Semiconductor HY29F080 Datasheet HTML 20Page - Hynix Semiconductor HY29F080 Datasheet HTML 21Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
17
Rev. 6.1/May 01
HY29F080
or erase-suspended (see below). After an Erase
command sequence is written, if all sectors se-
lected for erasing are protected, DQ[6] toggles for
approximately 100 µs, then returns to reading ar-
ray data. If at least one selected sector is not
protected, the Automatic Erase algorithm erases
the unprotected sectors, and ignores the selected
sectors that are protected.
DQ[2] - Toggle Bit II
Toggle Bit II, DQ[2], when used with DQ[6], indi-
cates whether a particular sector is actively eras-
ing or whether that sector is erase-suspended.
Toggle Bit II is valid after the rising edge of the
final WE# pulse in the command sequence. The
device toggles DQ[2] with each OE# or CE# read
cycle.
DQ[2] toggles when the host reads at addresses
within sectors that have been selected for erasure,
but cannot distinguish whether the sector is ac-
tively erasing or is erase-suspended. DQ[6], by
comparison, indicates whether the device is ac-
tively erasing or is in Erase Suspend, but cannot
distinguish which sectors are selected for erasure.
Read DQ[7:0]
at Valid Address (Note 1)
DQ[6] Toggled?
NO
(Note 3)
YES
PROGRAM/ERASE
COMPLETE
DQ[5] = 1?
NO
YES
Read DQ[7:0]
at Valid Address (Note 1)
DQ[6] Toggled?
(Note 2)
NO
YES
PROGRAM/ERASE
EXCEEDED TIME ERROR
Notes:
1. During programming, the program address.
During sector erase, an address within any sector scheduled for erasure.
2. Recheck DQ[6] since toggling may stop at the same time as DQ[5] changes from 0 to 1.
3. Use this path if testing for Program/Erase status.
4. Use this path to test whether sector is in Erase Suspend mode.
Read DQ[7:0]
at Valid Address (Note 1)
START
Read DQ[7:0]
DQ[2] Toggled?
NO
SECTOR BEING READ
IS IN ERASE SUSPEND
Read DQ[7:0]
YES
NO
(Note 4)
SECTOR BEING READ
IS NOT IN ERASE SUSPEND
Figure 8. Toggle Bit I and II Test Algorithm
Thus, both status bits are required for sector and
mode information.
Figure 8 illustrates the operation of Toggle Bits I
and II.
DQ[5] - Exceeded Timing Limits
DQ[5] is set to a ‘1’ when the program or erase
time has exceeded a specified internal pulse count
limit. This is a failure condition that indicates that
the program or erase cycle was not successfully
completed. DQ[5] status is valid only while DQ[7]
or DQ[6] indicate that an Automatic Algorithm is
in progress.
The DQ[5] failure condition will also be signaled if
the host tries to program a ‘1’ to a location that is
previously programmed to ‘0’, since only an erase
operation can change a ‘0’ to a ‘1’.
For both of these conditions, the host must issue
a Read/Reset command to return the device to
the Read mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com