Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HY29F080 Datasheet(PDF) 21 Page - Hynix Semiconductor

Part # HY29F080
Description  8 Megabit (1M x 8), 5 Volt-only, Flash Memory
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY29F080 Datasheet(HTML) 21 Page - Hynix Semiconductor

Back Button HY29F080 Datasheet HTML 17Page - Hynix Semiconductor HY29F080 Datasheet HTML 18Page - Hynix Semiconductor HY29F080 Datasheet HTML 19Page - Hynix Semiconductor HY29F080 Datasheet HTML 20Page - Hynix Semiconductor HY29F080 Datasheet HTML 21Page - Hynix Semiconductor HY29F080 Datasheet HTML 22Page - Hynix Semiconductor HY29F080 Datasheet HTML 23Page - Hynix Semiconductor HY29F080 Datasheet HTML 24Page - Hynix Semiconductor HY29F080 Datasheet HTML 25Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
21
Rev. 6.1/May 01
HY29F080
DC CHARACTERISTICS
CMOS Compatible
Notes:
1. Includes both the DC Operating Current and the frequency dependent component at 6 MHz. The read component of the
I
CC current is typically less than 1 ma/MHz with OE# at VIL.
2. I
CC active while Automatic Erase or Automatic Program algorithm is in progress.
3. Not 100% tested.
r
e
t
e
m
a
r
a
P
n
o
i
t
p
i
r
c
s
e
D
p
u
t
e
S
t
s
e
T
n
i
M
p
y
T
x
a
M
t
i
n
U
I
I
L
t
n
e
r
r
u
C
d
a
o
L
t
u
p
n
I
V
N
I
V
=
S
S
V
o
t
C
C ,
V
C
C
V
=
C
C
x
a
M
0
.
1
±A
µ
I
T
I
L
t
n
e
r
r
u
C
d
a
o
L
t
u
p
n
I
]
9
[
A
V
C
C
V
=
C
C
,
x
a
M
V
5
.
2
1
=
]
9
[
A
0
5A
µ
I
O
L
t
n
e
r
r
u
C
e
g
a
k
a
e
L
t
u
p
t
u
O
V
T
U
O
V
=
S
S
V
o
t
C
C ,
V
C
C
V
=
C
C
x
a
M
0
.
1
±A
µ
I
1
C
C
V
C
C
t
n
e
r
r
u
C
d
a
e
R
e
v
i
t
c
A
1
V
=
#
E
C
L
I
V
=
#
E
O
,
H
I
5
20
4A
m
I
2
C
C
V
C
C
t
n
e
r
r
u
C
e
t
i
r
W
e
v
i
t
c
A
3
,
2
V
=
#
E
C
L
I
V
=
#
E
O
,
H
I
0
30
4A
m
I
3
C
C
V
C
C
d
e
ll
o
r
t
n
o
C
#
E
C
t
n
e
r
r
u
C
y
b
d
n
a
t
S
S
O
M
C
V
C
C
V
=
C
C
=
#
E
C
,
x
a
M
V
=
#
T
E
S
E
R
C
C
±
V
5
.
0
15
A
µ
I
4
C
C
V
C
C
d
e
ll
o
r
t
n
o
C
#
T
E
S
E
R
t
n
e
r
r
u
C
y
b
d
n
a
t
S
S
O
M
C
V
C
C
V
=
C
C
,
x
a
M
V
=
#
T
E
S
E
R
S
S
±
V
5
.
0
15
A
µ
V
L
I
e
g
a
t
l
o
V
w
o
L
t
u
p
n
I5
.
0
-8
.
0V
V
H
I
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
IV
x
7
.
0
C
C
V
C
C
3
.
0
+V
V
D
I
d
n
a
D
I
c
i
n
o
r
t
c
e
l
E
r
o
f
e
g
a
t
l
o
V
t
c
e
t
o
r
p
n
U
r
o
t
c
e
S
y
r
a
r
o
p
m
e
T
V
C
C
V
0
.
5
=5
.
1
15
.
2
1V
V
L
O
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
O
V
C
C
V
=
C
C
,
n
i
M
I
L
O
a
m
0
.
2
1
=
5
4
.
0V
V
H
O
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
O
V
C
C
V
=
C
C
,
n
i
M
I
H
O
A
m
5
.
2
-
=
x
5
8
.
0
V
C
C
V
V
C
C
V
=
C
C
,
n
i
M
I
H
O
0
0
1
-
=A
µ
V
C
C
4
.
0
-V
V
O
K
L
V
w
o
L
C
C
e
g
a
t
l
o
V
t
u
o
k
c
o
L
3
2
.
32
.
4V
KEY TO SWITCHING WAVEFORMS
M
R
O
F
E
V
A
W
S
T
U
P
N
I
S
T
U
P
T
U
O
y
d
a
e
t
S
L
o
t
H
m
o
r
f
g
n
i
g
n
a
h
C
H
o
t
L
m
o
r
f
g
n
i
g
n
a
h
C
d
e
t
t
i
m
r
e
P
e
g
n
a
h
C
y
n
A
,
e
r
a
C
t
'
n
o
Dn
w
o
n
k
n
U
e
t
a
t
S
,
g
n
i
g
n
a
h
C
y
l
p
p
A
t
o
N
s
e
o
D
e
t
a
t
S
e
c
n
a
d
e
p
m
I
h
g
i
H
s
i
e
n
il
r
e
t
n
e
C
)
Z
h
g
i
H
(



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com