Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HY29F080 Datasheet(PDF) 35 Page - Hynix Semiconductor

Part # HY29F080
Description  8 Megabit (1M x 8), 5 Volt-only, Flash Memory
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY29F080 Datasheet(HTML) 35 Page - Hynix Semiconductor

Back Button HY29F080 Datasheet HTML 30Page - Hynix Semiconductor HY29F080 Datasheet HTML 31Page - Hynix Semiconductor HY29F080 Datasheet HTML 32Page - Hynix Semiconductor HY29F080 Datasheet HTML 33Page - Hynix Semiconductor HY29F080 Datasheet HTML 34Page - Hynix Semiconductor HY29F080 Datasheet HTML 35Page - Hynix Semiconductor HY29F080 Datasheet HTML 36Page - Hynix Semiconductor HY29F080 Datasheet HTML 37Page - Hynix Semiconductor HY29F080 Datasheet HTML 38Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
35
Rev. 6.1/May 01
HY29F080
Latchup Characteristics
Notes:
1. Includes all pins except V
CC.
Test conditions: V
CC = 5.0V, one pin at a time.
TSOP Pin Capacitance
PSOP Pin Capacitance
Notes:
1. Sampled, not 100% tested.
2. Test conditions: T
A = 25 ºC, f = 1.0 MHz.
Notes:
1. Sampled, not 100% tested.
2. Test conditions: T
A = 25 ºC, f = 1.0 MHz.
Data Retention
n
o
i
t
p
i
r
c
s
e
D
m
u
m
i
n
i
M
m
u
m
i
x
a
M
t
i
n
U
V
o
t
t
c
e
p
s
e
r
h
t
i
w
e
g
a
t
l
o
v
t
u
p
n
I
S
S
s
n
i
p
O
/
I
ll
a
n
o0
.
1
-V
C
C
0
.
1
+V
V
C
C
t
n
e
r
r
u
C0
0
1
-0
0
1A
m
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
p
u
t
e
S
t
s
e
T
p
y
T
x
a
M
t
i
n
U
C
N
I
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
IV
N
I
0
=6
5
.
7F
p
C
T
U
O
e
c
n
a
t
i
c
a
p
a
C
t
u
p
t
u
OV
T
U
O
0
=5
.
82
1F
p
C
2
N
I
e
c
n
a
t
i
c
a
p
a
C
n
i
P
l
o
r
t
n
o
CV
N
I
0
=8
9
F
p
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
p
u
t
e
S
t
s
e
T
p
y
T
x
a
M
t
i
n
U
C
N
I
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
IV
N
I
0
=6
5
.
7F
p
C
T
U
O
e
c
n
a
t
i
c
a
p
a
C
t
u
p
t
u
OV
T
U
O
0
=5
.
82
1F
p
C
2
N
I
e
c
n
a
t
i
c
a
p
a
C
n
i
P
l
o
r
t
n
o
CV
N
I
0
=5
.
70
1F
p
r
e
t
e
m
a
r
a
P
s
n
o
i
t
i
d
n
o
C
t
s
e
T
m
u
m
i
n
i
M
t
i
n
U
e
m
i
T
n
o
i
t
n
e
t
e
R
a
t
a
D
n
r
e
t
t
a
P
m
u
m
i
n
i
M
C
º
0
5
10
1s
r
a
e
Y
C
º
5
2
10
2s
r
a
e
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com