Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

71342LA55JG Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 71342LA55JG
Description  HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

71342LA55JG Datasheet(HTML) 5 Page - Integrated Device Technology

  71342LA55JG Datasheet HTML 1Page - Integrated Device Technology 71342LA55JG Datasheet HTML 2Page - Integrated Device Technology 71342LA55JG Datasheet HTML 3Page - Integrated Device Technology 71342LA55JG Datasheet HTML 4Page - Integrated Device Technology 71342LA55JG Datasheet HTML 5Page - Integrated Device Technology 71342LA55JG Datasheet HTML 6Page - Integrated Device Technology 71342LA55JG Datasheet HTML 7Page - Integrated Device Technology 71342LA55JG Datasheet HTML 8Page - Integrated Device Technology 71342LA55JG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
6.42
IDT71342SA/LA
High-Speed 4K x 8 Dual-Port Static RAM with Semaphore
Industrial and Commercial Temperature Ranges
5
Data Retention Characteristics
(LA Version Only) VLC = 0.2V, VHC = VCC - 0.2V
Data Rention Waveform
AC Test Conditions
Figure 2. Output Test Load
(for tLZ, tHZ, tWZ, tOW)
*Including scope and jig
Figure 1. AC Output Test Load
NOTES:
1. VCC = 2V, TA = +25°C, and are not production tested.
2. tRC = Read Cycle Time.
3. This parameter is guaranteed by device characterization, but is not production tested.
Symbol
Parameter
Test Condition
Min.
Typ.(1)
Max.
Unit
VDR
VCC for Data Retention
___
2.0
___
V
ICCDR
Data Retention Current
VCC = 2V, CE > VHC
COM'L. & IND.
___
100
1500
µA
tCDR(3)
Chip Deselect to Data Retention Time
SEM > VHC
VIN > VHC or < VLC
0
___
___
ns
tR(3)
Operation Recovery Time
tRC(2)
___
___
ns
2721 tbl 07
Input Pulse Levels
Input Rise/Fall Times
Input Timing Reference Levels
Output Reference Levels
Output Load
GND to 3.0V
5ns
1.5V
1.5V
Figures 1 and 2
2721 tbl 08
VCC
CE
DATA RETENTION MODE
4.5V
4.5V
VDR
> 2V
VDR
VIH
VIH
tCDR
tR
2721 drw 04
+5V
1250
Ω
30pF
775
Ω
DATAOUT
2721 drw 05
,
+5V
1250
Ω
5pF *
775
Ω
DATAOUT
2721 drw 06
,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com