Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

71342LA55JG Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 71342LA55JG
Description  HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

71342LA55JG Datasheet(HTML) 1 Page - Integrated Device Technology

  71342LA55JG Datasheet HTML 1Page - Integrated Device Technology 71342LA55JG Datasheet HTML 2Page - Integrated Device Technology 71342LA55JG Datasheet HTML 3Page - Integrated Device Technology 71342LA55JG Datasheet HTML 4Page - Integrated Device Technology 71342LA55JG Datasheet HTML 5Page - Integrated Device Technology 71342LA55JG Datasheet HTML 6Page - Integrated Device Technology 71342LA55JG Datasheet HTML 7Page - Integrated Device Technology 71342LA55JG Datasheet HTML 8Page - Integrated Device Technology 71342LA55JG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
©2012 Integrated Device Technology, Inc.
SEPTEMBER 2012
DSC 2621/14
1
IDT71342SA/LA
HIGH SPEED
4K X 8 DUAL-PORT
STATIC RAM
WITH SEMAPHORE
Features
High-speed access
– Commercial:20/25/35/45/55/70ns(max.)
– Industrial: 25ns (max.)
Low-power operation
– IDT71342SA
Active: 700mW (typ.)
Standby: 5mW (typ.)
– IDT71342LA
Active: 700mW (typ.)
Standby: 1mW (typ.)
Functional Block Diagram
2721 drw 01
I/O
CONTROL
I/O
CONTROL
MEMORY
ARRAY
ADDRESS
DECODER
ADDRESS
DECODER
R/
WR
CER
OER
I/O0R -I/O7R
A0R-A11R
R/
WL
CEL
OEL
A0L-A11L
I/O0L-I/O7L
SEMAPHORE
LOGIC
SEMR
SEML
Fully asynchronous operation from either port
Full on-chip hardware support of semaphore signalling be-
tween ports
Battery backup operation—2V data retention (LA only)
TTL-compatible; single 5V (±10%) power supply
Available in plastic packages
Industrial temperature range (–40°C to +85°C) is available
for selected speeds


Similar Part No. - 71342LA55JG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
71342LA20JG RENESAS-71342LA20JG Datasheet
389Kb / 16P
HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM WITH SEMAPHORE
JULY 2019
71342LA20JG8 RENESAS-71342LA20JG8 Datasheet
389Kb / 16P
HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM WITH SEMAPHORE
JULY 2019
71342LA20PFG RENESAS-71342LA20PFG Datasheet
389Kb / 16P
HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM WITH SEMAPHORE
JULY 2019
71342LA20PFG8 RENESAS-71342LA20PFG8 Datasheet
389Kb / 16P
HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM WITH SEMAPHORE
JULY 2019
71342LA25JGI RENESAS-71342LA25JGI Datasheet
389Kb / 16P
HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM WITH SEMAPHORE
JULY 2019
More results

Similar Description - 71342LA55JG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7024S IDT-IDT7024S Datasheet
292Kb / 20P
HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT71342SA IDT-IDT71342SA Datasheet
144Kb / 13P
HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM WITH SEMAPHORE
IDT7134SA IDT-IDT7134SA Datasheet
110Kb / 9P
HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
IDT7034S IDT-IDT7034S Datasheet
200Kb / 19P
HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
IDT70T35 IDT-IDT70T35 Datasheet
159Kb / 21P
HIGH-SPEED 2.5V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT70P35 IDT-IDT70P35 Datasheet
293Kb / 22P
HIGH-SPEED 1.8V 8/4K x 18 DUAL-PORT, 8/4K x 16 DUAL-PORT STATIC RAM
IDT71342SA IDT-IDT71342SA_05 Datasheet
132Kb / 14P
HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM WITH SEMAPHORE
IDT70V35 IDT-IDT70V35 Datasheet
216Kb / 25P
HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
71342SA RENESAS-71342SA Datasheet
389Kb / 16P
HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM WITH SEMAPHORE
JULY 2019
70V35 RENESAS-70V35 Datasheet
570Kb / 26P
HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
OCTOBER 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com