Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

71342LA55JG Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 71342LA55JG
Description  HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

71342LA55JG Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 71342LA55JG Datasheet HTML 3Page - Integrated Device Technology 71342LA55JG Datasheet HTML 4Page - Integrated Device Technology 71342LA55JG Datasheet HTML 5Page - Integrated Device Technology 71342LA55JG Datasheet HTML 6Page - Integrated Device Technology 71342LA55JG Datasheet HTML 7Page - Integrated Device Technology 71342LA55JG Datasheet HTML 8Page - Integrated Device Technology 71342LA55JG Datasheet HTML 9Page - Integrated Device Technology 71342LA55JG Datasheet HTML 10Page - Integrated Device Technology 71342LA55JG Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
6.42
IDT71342SA/LA
High-Speed 4K x 8 Dual-Port Static RAM with Semaphore
Industrial and Commercial Temperature Ranges
7
Timing Waveform of Read Cycle No. 1, Either Side(1,2,4)
NOTES:
1. Write cycle parameters should be adhered to, in order to ensure proper writing.
2. CEL = CER = VIL. CE"B" = VIL.
3. Port "A" may be either left or right port. Port "B" is the opposite from port "A".
Timing Waveform of Read Cycle No. 2, Either Side(1,3)
Timing Waveform of Write with Port-to-Port Read(2,3)
NOTES:
1. Timing depends on which signal is asserted last, OE or CE.
2. Timing depends on which signal is de-asserted first, OE or CE.
3. R/W = VIH and OE = VIL, unless otherwise noted.
4. Start of valid data depends on which timing becomes effective last; tAOE, tACE, or tAA
5. To access SRAM, CE = VIL and SEM = VIH. To access semaphore, CE = VIH and SEM = VIL. tAA is for SRAM Address Access and tSAA is for Semaphore Address Access.
tAA or tSAA
ADDRESS
DATAOUT
PREVIOUS DATA VALID
DATA VALID
tOH
tOH
tRC
2721 drw 07
2721 drw 08
CE or SEM
DATAOUT
VALID DATA
tPD
tAOE
tACE
OE
tHZ
tLZ
tLZ
tPU
50%
50%
ICC
ISB
CURRENT
tHZ
tSOP
(5)
tSOP
(1)
(1)
(4)
(2)
(2)
(4)
2721 drw 09
R/
W "A"
VALID
tWC
MATCH
VALID
MATCH
tWP
tDW
tWDD
tDDD
ADDR "A"
DATAIN "A"
DATAOUT "B"
ADDR "B"
(1)
tDH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com