Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7130LA55FGB8 Datasheet(PDF) 16 Page - Integrated Device Technology

Part # 7130LA55FGB8
Description  HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7130LA55FGB8 Datasheet(HTML) 16 Page - Integrated Device Technology

Back Button 7130LA55FGB8 Datasheet HTML 12Page - Integrated Device Technology 7130LA55FGB8 Datasheet HTML 13Page - Integrated Device Technology 7130LA55FGB8 Datasheet HTML 14Page - Integrated Device Technology 7130LA55FGB8 Datasheet HTML 15Page - Integrated Device Technology 7130LA55FGB8 Datasheet HTML 16Page - Integrated Device Technology 7130LA55FGB8 Datasheet HTML 17Page - Integrated Device Technology 7130LA55FGB8 Datasheet HTML 18Page - Integrated Device Technology 7130LA55FGB8 Datasheet HTML 19Page - Integrated Device Technology 7130LA55FGB8 Datasheet HTML 20Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
IDT7130SA/LA and IDT7140SA/LA
High-Speed 1K x 8 Dual-Port Static SRAM
Military, Industrial and Commercial Temperature Ranges
16
AC Electrical Characteristics Over the
Operating Temperature and Supply Voltage Range(2)
NOTES:
1. PLCC, TQFP and STQFP package only.
2. 'X' in part numbers indicates power rating (SA or LA).
Timing Waveform of BUSY Arbitration Controlled by CE Timing(1)
Timing Waveform by BUSY Arbitration Controlled
by Address Match Timing(1)
tAPS
ADDR
'A'
AND 'B'
ADDRESSES MATCH
tBAC
tBDC
CE'B'
CE'A'
BUSY'A'
2689 drw 14
(2)
BUSY'B'
ADDRESSES DO NOT MATCH
ADDRESSES MATCH
tAPS
ADDR'A'
ADDR'B'
2689 drw 15
(2)
tBAA
tBDA
tRC OR tWC
NOTES:
1. All timing is the same for left and right ports. Port “A” may be either left or right port. Port “B” is the opposite from port “A”.
2. If tAPS is not satisified, the BUSY will be asserted on one side or the other, but there is no guarantee on which side BUSY will be asserted (7130 only).
7130X20(1)
7140X20(1)
Com'l Only
7130X25
7140X25
Com'l, Ind
& Military
7130X35
7140X35
Com'l
& Military
Symbol
Parameter
Min.Max.Min.Max.Min.Max.
Unit
INTERRUPT TIMING
tAS
Address Set-up Time
0
____
0
____
0
____
ns
tWR
Write Recovery Time
0
____
0
____
0
____
ns
tINS
Interrupt Set Time
____
20
____
25
____
25
ns
tINR
Interrupt Reset Time
____
20
____
25
____
25
ns
2689 tbl 12a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com