Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7130LA55FGB8 Datasheet(PDF) 20 Page - Integrated Device Technology

Part # 7130LA55FGB8
Description  HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7130LA55FGB8 Datasheet(HTML) 20 Page - Integrated Device Technology

Back Button 7130LA55FGB8 Datasheet HTML 13Page - Integrated Device Technology 7130LA55FGB8 Datasheet HTML 14Page - Integrated Device Technology 7130LA55FGB8 Datasheet HTML 15Page - Integrated Device Technology 7130LA55FGB8 Datasheet HTML 16Page - Integrated Device Technology 7130LA55FGB8 Datasheet HTML 17Page - Integrated Device Technology 7130LA55FGB8 Datasheet HTML 18Page - Integrated Device Technology 7130LA55FGB8 Datasheet HTML 19Page - Integrated Device Technology 7130LA55FGB8 Datasheet HTML 20Page - Integrated Device Technology 7130LA55FGB8 Datasheet HTML 21Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
IDT7130SA/LA and IDT7140SA/LA
High-Speed 1K x 8 Dual-Port Static SRAM
Military, Industrial and Commercial Temperature Ranges
20
Ordering Information
NOTES:
1. Contact your local sales office for industrial temp range for other speeds, packages and powers.
2. Green parts available. For specific speeds, packages and powers contact your local sales office.
3. For "P", plastic DIP, when ordering green package the suffix is "PDG".
Datasheet Document History
03/15/99:
Initiateddatasheetdocumenthistory
Convertedtonewformat
Cosmeticandtypographicalcorrections
Pages 2 and 3
Addedadditionalnotestopinconfigurations
06/08/99:
Changeddrawingformat
08/02/99:
Page2
Corrected package number in note 3
09/29/99:
Page2
Fixed pin 1 in DIP pin configuration
11/10/99:
Page 1 & 18
Replaced IDT logo
06/23/00:
Page4
Increasedstoragetemperatureparameters
ClarifiedTAparameter
Page5
DCElectricalparameters–changedwordingfrom"open"to"disabled"
Page10
Changed±500mVto0mVinnotes
01/08/02:
Page1
AddedCeramicFlatpackto48-pinpackageofferings
Page 2 & 3
Addeddaterevisiontopinconfigurations
Page 4, 5, 8, 10,
Removedindustrialtempoptionfootnotefromalltables
12,14 & 15
48-pin Plastic DIP (P48)
48-pin Sidebraze DIP (C48)
52-pin PLCC (J52)
48-pin LCC (L48)
48-pin Ceramic Flatpack (F48)
64-pin TQFP (PN64)
64-pin STQFP (PP64)
7130
7140
Speed in
nanoseconds
8K (1K x 8-Bit) MASTER Dual-Port RAM
8K (1K x 8-Bit) SLAVE Dual-Port RAM
Commercial PLCC, TQFP and STQFP Only
Commercial, Industrial & Military
Commercial & Military
Commercial, Industrial & Military
Commercial, Industrial & Military
2689 drw 19
Blank
I(1)
B
Commercial (0
°C to +70°C)
Industrial (-40
°C to +85°C)
Military (-55
°C to +125°C)
Compliant to MIL-PRF-38535 QML
P
C
J
L
F
PF
TF
20
25
35
55
100
LA
SA
Low Power
Standard Power
G
(2)
Green
(3)
XXXX
Device Type
A
999
A
A
Power
Speed
Package
Process/
Temperature
Range
A
A
Blank
8
Tube or Tray
Tape and Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com