Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7130LA55FGB8 Datasheet(PDF) 21 Page - Integrated Device Technology

Part # 7130LA55FGB8
Description  HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

7130LA55FGB8 Datasheet(HTML) 21 Page - Integrated Device Technology

Back Button 7130LA55FGB8 Datasheet HTML 13Page - Integrated Device Technology 7130LA55FGB8 Datasheet HTML 14Page - Integrated Device Technology 7130LA55FGB8 Datasheet HTML 15Page - Integrated Device Technology 7130LA55FGB8 Datasheet HTML 16Page - Integrated Device Technology 7130LA55FGB8 Datasheet HTML 17Page - Integrated Device Technology 7130LA55FGB8 Datasheet HTML 18Page - Integrated Device Technology 7130LA55FGB8 Datasheet HTML 19Page - Integrated Device Technology 7130LA55FGB8 Datasheet HTML 20Page - Integrated Device Technology 7130LA55FGB8 Datasheet HTML 21Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
21
IDT7130SA/LA and IDT7140SA/LA
High-Speed 1K x 8 Dual-Port Static SRAM
Military, Industrial and Commercial Temperature Ranges
Datasheet Document History (cont'd)
01/08/02:
Page 5, 8, 10, 12, & 14
Addedindustrialtempfor25nstoDC& ACElectricalCharacteristics
Page 5, 8, 10, 12, & 14
Removedindustrialtempfor35nstoDC& ACElectricalCharacteristics
Page18
Addedindustrialtempfor25nsandremovedindustrialtempfor35nsinorderinginformation
Updatedindustrialtempoptionfootnote
Page 1 & 19
Replaced IDT TM logo with IDT ® logo
01/11/06:
Page1
Addedgreenavailabilitytofeatures
Page18
Addedgreenindicatortoorderinginformation
Page 1 & 19
Replaced old IDT TM with new IDT TM logo
04/14/06:
Page18
Added"PDG"footnotetotheorderinginformation
10/21/08:
Page18
Removed "IDT" from orderable part number
01/21/13:
Page2
AddedL48-1packageandF48-1packagepinconfigurations
withcorrespondingfootnotes
Page 13, 18, 19 & 20
Typo/corrections
Page20
Added T & Reel indicator to ordering information
05/20/16:
Page2
SplittheF48andL48 pinconfiguration,creatingtwoseparatepinconfigurations:
F48pinceramicflatpackrotated90degreescounterclockwise,removedfootnote5reference
and L48 LCC rotated 90 degrees clockwise to reflect pin 1 orientation and added dot at pin 1,
removedfootnote5reference
Page3
P48 plastic DIP and C48 sidebrazed DIP, removed half moon and to reflect pin 1 orientation
added dot at pin 1
Page4
J52PLCCrotated90degreesclockwisetoreflectpin1orientationaddeddotatpin1,removed
footnote5reference
Page5
PN64 TQFP and PP64 STQFP, chamfer removed, rotated 90 degrees counterclockwise to
reflect pin 1 orientation and added dot at pin 1, removed footnote 5 reference
Page20
All incidences of -1 , -2 have been removed from the datasheet
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
CORPORATEHEADQUARTERS
for SALES:
for Tech Support:
6024 Silver Creek Valley Road
800-345-7015 or 408-284-8200
408-284-2794
San Jose, CA 95138
fax:408-284-2775
DualPortHelp@idt.com
www.idt.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com