Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASVMP Datasheet(PDF) 6 Page - Abracon Corporation

Part # ASVMP
Description  PERFORMANCE PLASTIC PACKAGE ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASVMP Datasheet(HTML) 6 Page - Abracon Corporation

  ASVMP Datasheet HTML 1Page - Abracon Corporation ASVMP Datasheet HTML 2Page - Abracon Corporation ASVMP Datasheet HTML 3Page - Abracon Corporation ASVMP Datasheet HTML 4Page - Abracon Corporation ASVMP Datasheet HTML 5Page - Abracon Corporation ASVMP Datasheet HTML 6Page - Abracon Corporation ASVMP Datasheet HTML 7Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
ASVMP
D
E
I
F
I
T
R
E
C
ABRACON IS
D
E
I
F
I
T
R
E
C
ABRACON IS
ISO9001:2008
D
E
I
F
I
T
R
E
C
OUTLINE DIMENSIONS:
REFLOW PROFILE:
ASVMP
Dimensions: mm (inches)
Pin #
Function
1
Tri-state
2
NC
3
GND
4
Output
5
NC (CMOS)
Output (LVPECL, LVDS, HCSL)
6
Vdd
Note: Recommend using an approximately
0.01uF bypass capacitor between PIN 6 and 3.
Center pad: NC / GND
Recommended Land Pattern for CMOS
Recommended Land Pattern for LVPECL, LVDS, HCSL
Pb RoHS/RoHS II compliant
PERFORMANCE PLASTIC PACKAGE ULTRA MINIATURE
PURE SILICONTM CLOCK OSCILLATOR
7.0 x 5.0 x 0.85mm
6
4
1
3
2 Faraday, Suite# B
| Irvine | CA 92618 Revised: 08.19.15
Ph. 949.546.8000
| Fax. 949.546.8001
Visit www.abracon.com for Terms and Conditions of Sale
LLC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com