Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASVMP Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASVMP
Description  PERFORMANCE PLASTIC PACKAGE ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASVMP Datasheet(HTML) 1 Page - Abracon Corporation

  ASVMP Datasheet HTML 1Page - Abracon Corporation ASVMP Datasheet HTML 2Page - Abracon Corporation ASVMP Datasheet HTML 3Page - Abracon Corporation ASVMP Datasheet HTML 4Page - Abracon Corporation ASVMP Datasheet HTML 5Page - Abracon Corporation ASVMP Datasheet HTML 6Page - Abracon Corporation ASVMP Datasheet HTML 7Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ASVMP
APPLICATIONS:
FEATURES:
STANDARD SPECIFICATIONS:
ASVMP
• Storage Area Networks
(SATA, SAS, Fiber Channel)
• Passive Optical Networks (EPON,
10G-EPON, GPON, 10G-PON)
• Ethernet (1G, 10GBASE-T,/KR/LR/SR, FCoE
• PCI Express
• Display port
• Ultra Miniature Pure SiliconTM Clock Oscillator
• High Performance MEMS Technology by Discera
• Low Power Consumption for high speed communication
• Exceptional Stability Over Temp. at -40 to +85°C, ±15ppm
• Extended Automotive Grade Temp. stability at -55 to +125°C, ±25ppm
• Available in 50kG Shock Resistance Configuration upon request
• MIL-STD-883 shock and vibration compliant
• Durable QFN Plastic Compact Packaging
• Standby or Disable Tri-state function
• Low jitter (Period jitter RMS and Phase jitter RMS)
• High power supply noise reduction, -50dBc
CERTIFIED
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Low Jitter
High Performance
3G MEMS Technology!
Moisture Sensitivity Level – MSL 1
Common Key Electrical Specifications – CMOS, LVPECL, LVDS, and HCSL
* For 2.3000MHz < F0 < 9.9999MHz, 6-8 weeks lead-time applies
Key Electrical Specifications – CMOS
Parameters
Minimum
Typical
Maximum
Units
Notes
Frequency Range
CMOS
2.3000*
170.0000
MHz
CMOS
3.3000*
170.0000
LVPECL
2.3000*
460.0000
Commercial, Industrial
temp. range
LVDS
2.3000*
460.0000
Commercial, Industrial
temp range
HCSL
2.3000*
460.0000
Commercial, Industrial
temp. range
Operating Temperature
-20
+70
°C
See options
C
°
0
5
1
+
5
5
-
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
Overall Frequency Stability
-50
+50
ppm
See options
Supply Voltage (Vdd)
+2.25
+3.6
V
s
m
5
e
m
i
T
p
u
tr
a
t
S
Enable Time
20
ns
STD (Tri-state)
5
ms
PD option (Power Down)
s
n
5
e
m
i
T
e
l
b
a
s
i
D
Disable Current
20
22
mA
STD (Tri-state)
0.095
PD option (Power Down)
Tri-state Function (Standby/Disable)
"1" (VIH≥0.75*Vdd) or Open: Oscillation
"0" (VIL<0.25*Vdd) : Hi Z
V
40kΩ pull-up resister
embedded
r
a
e
y
t
s
ri
F
m
p
p
0
.
5
+
0
.
5
-
g
n
i
g
A
Parameters
Minimum
Typical
Maximum
Units
Notes
Supply Current (Idd)
31
35
mA
CL=15pF, 125MHz
Output Logic Level
VOH
0.9*Vdd
V
I=±6mA
VOL
0.1*Vdd
V
Rise Time
Tr
1.1
2.0
ns
CL=15pF
20% to 80%
Fall Time
Tf
1.3
2.0
ns
%
5
5
5
4
e
l
c
y
C
y
t
u
D
Integrated Phase Jitter (JPH)
0.30
2
ps
200kHz ~ 20MHz@125MHz
0.38
2
100kHz ~ 20MHz@125MHz
1.70
2
12kHz ~ 20MHz@125MHz
Period Jitter RMS (JPER
s
p
0
.
3
)
Pb RoHS/RoHS II compliant
PERFORMANCE PLASTIC PACKAGE ULTRA MINIATURE
PURE SILICONTM CLOCK OSCILLATOR
7.0 x 5.0 x 0.85mm
-20 ~ +70
°C
-40 ~ +85
°C
-40 ~ +105
°C
-55 ~ +125
°C
2 Faraday, Suite# B
| Irvine | CA 92618 Revised: 08.19.15
Ph. 949.546.8000
| Fax. 949.546.8001
Visit www.abracon.com for Terms and Conditions of Sale
LLC


Similar Part No. - ASVMP

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASVMPA ABRACON-ASVMPA Datasheet
895Kb / 14P
Plastic SMD MEMS Clock Oscillator
9/2/2025
ASVMPAC-14.3181MHZ-LJ-PD ABRACON-ASVMPAC-14.3181MHZ-LJ-PD Datasheet
895Kb / 14P
Plastic SMD MEMS Clock Oscillator
9/2/2025
ASVMPAC-14.3181MHZ-LR-PD ABRACON-ASVMPAC-14.3181MHZ-LR-PD Datasheet
895Kb / 14P
Plastic SMD MEMS Clock Oscillator
9/2/2025
ASVMPAC-14.3181MHZ-VJ-PD ABRACON-ASVMPAC-14.3181MHZ-VJ-PD Datasheet
895Kb / 14P
Plastic SMD MEMS Clock Oscillator
9/2/2025
ASVMPAC-14.3181MHZ-VR-PD ABRACON-ASVMPAC-14.3181MHZ-VR-PD Datasheet
895Kb / 14P
Plastic SMD MEMS Clock Oscillator
9/2/2025
More results

Similar Description - ASVMP

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASFLM1 ABRACON-ASFLM1 Datasheet
230Kb / 2P
PLASTIC PACKAGE ULTRA MINIATURE PURE SILICON CLOCK OSCILLATOR
6.18.07
ASDM ABRACON-ASDM Datasheet
343Kb / 2P
ULTRA MINIATURE PLASTIC PACKAGE PURE SILICON CLOCK OSCILLATOR
05.06.08
ASFLM ABRACON-ASFLM_08 Datasheet
254Kb / 2P
ULTRA MINIATURE PLASTIC PACKAGE PURE SILICON CLOCK OSCILLATOR
05.06.08
ASDMB ABRACON-ASDMB Datasheet
6Mb / 5P
PLASTIC PACKAGE INDUSTRIAL GRADE ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
04.23.13
ASDMB-25.000MHZ-LC-T ABRACON-ASDMB-25.000MHZ-LC-T Datasheet
6Mb / 5P
PLASTIC PACKAGE INDUSTRIAL GRADE ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
04.23.13
ASEMPLV-100.000MHZ-LR-T ABRACON-ASEMPLV-100.000MHZ-LR-T Datasheet
4Mb / 7P
PERFORMANCE PLASTIC PACKAGE ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
07.16.12
ASDMB-E ABRACON-ASDMB-E Datasheet
6Mb / 5P
PLASTIC PACKAGE INDUSTRIAL GRADE ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
04.23.13
ASEMB-24.000MHZ-LC-T ABRACON-ASEMB-24.000MHZ-LC-T Datasheet
9Mb / 5P
PLASTIC PACKAGE INDUSTRIAL GRADE ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
10.22.13
ASFLMP ABRACON-ASFLMP Datasheet
3Mb / 6P
PERFORMANCE PLASTIC PACKAGE ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
08.19.15
ASVMB ABRACON-ASVMB Datasheet
12Mb / 4P
PLASTIC PACKAGE INDUSTRIAL GRADE ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
04.30.15
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com