Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASVMP Datasheet(PDF) 3 Page - Abracon Corporation

Part # ASVMP
Description  PERFORMANCE PLASTIC PACKAGE ULTRA MINIATURE PURE SILICONTM CLOCK OSCILLATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASVMP Datasheet(HTML) 3 Page - Abracon Corporation

  ASVMP Datasheet HTML 1Page - Abracon Corporation ASVMP Datasheet HTML 2Page - Abracon Corporation ASVMP Datasheet HTML 3Page - Abracon Corporation ASVMP Datasheet HTML 4Page - Abracon Corporation ASVMP Datasheet HTML 5Page - Abracon Corporation ASVMP Datasheet HTML 6Page - Abracon Corporation ASVMP Datasheet HTML 7Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ASVMP
CERTIFIED
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
OPTIONS AND PART IDENTIFICATION: (Left Blank if Standard)
Programmed Orders (Quantity > 1,000pcs)
ASVMP
Pb RoHS/RoHS II compliant
Absolute Maximum Ratings
Item
Minimum
Maximum
Unit
Condition
Supply Voltage
-0.3
+4.0
V
Input Voltage
-0.3
Vdd+0.3
V
Junction Temp.
+150
°C
Storage Temp.
-55
+150
°C
Soldering Temp.
+260
°C
40sec max
ESD
HBM
MM
CDM
4,000
400
1,500
V
ASVMP -
MHz -
- -
Frequency in MHz
e.g. 156.2500 MHz
(Maximum 4 digits
after decimal)
Operating Temp.
Blank: -20°C ~ +70°C
L: -40°C ~ +85°C
X: -40°C ~ +105°C
Z**: -55°C ~ +125°C
Overall Freq.
Stability
Blank: ±50ppm
Y: ±10ppm*
R: ±25 ppm
Packaging
Blank***: Tube
(50pcs / Tube)
T: Tape & Reel
(1kpcs / reel)
T3: Tape & Reel
(3kpcs / reel)
Output Type
C: CMOS
LP: LVPECL
LV: LVDS
HC: HCSL
Tri-state (Pin 1)
Blank: Tri-state
PD: Power Down
* Temp option L, X or -20°C ~ +70°C, only
** CMOS output only
*** For Quick turn-around programmable orders < 1000pcs: Due to the
immediate availability of stock and the qty of the order, the parts may
be delivered as BULK: Cut Tape, Loose parts in Antistatic Bag or in
Tube(s). The MOQ per the series will still apply for Tube packaging.
Un-Programmed Orders
Blank un-programmed oscillators and our low cost portable programmer are available for quick turn engineering requirements.
Please call ABRACON or visit MEMSpeed Pro II site
http://www.abracon.com/memspeedpro/MEMSpeedProFlyerII.pdf
for more information.
ASVMP - BLANK -
- -
Operating Temp.
Blank: -20°C ~ +70°C
L: -40°C ~ +85°C
X: -40°C ~ +105°C
Z**: -55°C ~ +125°C
Overall Freq. Stability
Blank: ±50ppm
Y: ±10ppm*
R: ±25 ppm
Packaging
Blank: Tube (50pcs / Tube)
T: Tape & Reel (1kpcs / reel)
T3: Tape & Reel (3kpcs / reel)
Output Type
C: CMOS
LP: LVPECL
LV: LVDS
HC: HCSL
Tri-state (Pin 1)
Blank: Tri-state
PD: Power Down
* Temp option L, X or -20°C ~ +70°C, only
** CMOS output only
PERFORMANCE PLASTIC PACKAGE ULTRA MINIATURE
PURE SILICONTM CLOCK OSCILLATOR
7.0 x 5.0 x 0.85mm
2 Faraday, Suite# B
| Irvine | CA 92618 Revised: 08.19.15
Ph. 949.546.8000
| Fax. 949.546.8001
Visit www.abracon.com for Terms and Conditions of Sale
LLC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com