Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950202 Datasheet(PDF) 13 Page - Integrated Circuit Systems

Part # ICS950202
Description  Programmable Timing Control HubTM for P4TM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950202 Datasheet(HTML) 13 Page - Integrated Circuit Systems

Back Button ICS950202 Datasheet HTML 9Page - Integrated Circuit Systems ICS950202 Datasheet HTML 10Page - Integrated Circuit Systems ICS950202 Datasheet HTML 11Page - Integrated Circuit Systems ICS950202 Datasheet HTML 12Page - Integrated Circuit Systems ICS950202 Datasheet HTML 13Page - Integrated Circuit Systems ICS950202 Datasheet HTML 14Page - Integrated Circuit Systems ICS950202 Datasheet HTML 15Page - Integrated Circuit Systems ICS950202 Datasheet HTML 16Page - Integrated Circuit Systems ICS950202 Datasheet HTML 17Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13
Integrated
Circuit
Systems, Inc.
ICS950202
0461L—05/28/03
Electrical Characteristics - CPU 0.7V Current Mode Differential Pair
TA = 0 - 70°C; VDD = 3.3 V +/-5%; CL =2pF
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
Current Source Output
Impedance
Zo
1
VO = Vx
3000
1
Voltage High
VHigh
660
770
850
1
Voltage Low
VLow
-150
5
150
1
Max Voltage
Vovs
756
1150
1
Min Voltage
Vuds
-300
-7
1
Crossing Voltage (abs)
Vcross(abs)
250
350
550
mV
1
Crossing Voltage (var)
d-Vcross
Variation of crossing over all
edges
12
140
mV
1
Long Accuracy
ppm
see Tperiod min-max values
-300
300
ppm
1,2
200MHz nominal
4.9985
5.0015
ns
2
200MHz spread
4.9985
5.0266
ns
2
166.66MHz nominal
5.9982
6.0018
ns
2
166.66MHz spread
5.9982
6.0320
ns
2
133.33MHz nominal
7.4978
7.5023
ns
2
133.33MHz spread
7.4978
5.4000
ns
2
100.00MHz nominal
9.9970
10.0030
ns
2
100.00MHz spread
9.9970
10.0533
ns
2
200MHz nominal
4.8735
ns
1,2
166.66MHz nominal/spread
5.8732
ns
1,2
133.33MHz nominal/spread
7.3728
ns
1,2
100.00MHz nominal/spread
9.8720
ns
1,2
Rise Time
tr
VOL = 0.175V, VOH = 0.525V
175
332
700
ps
1
Fall Time
tf
VOH = 0.525V VOL = 0.175V
175
344
700
ps
1
Rise Time Variation
d-tr
30
125
ps
1
Fall Time Variation
d-tf
30
125
ps
1
Duty Cycle
dt3
Measurement from differential
wavefrom
45
49
55
%
1
Skew
tsk3
VT = 50%
8
100
ps
1
Jitter, Cycle to cycle
tjcyc-cyc
Measurement from differential
wavefrom
60
150
ps
1
1Guaranteed by design, not 100% tested in production.
Statistical measurement on
single ended signal using
oscilloscope math function.
mV
Measurement on single ended
signal using absolute value.
mV
2 All Long Term Accuracy and Clock Period specifications are guaranteed with the assumption that Ref output is at
14.31818MHz
Tperiod
Average period
Absolute min period
Tabsmin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com