Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950202 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS950202
Description  Programmable Timing Control HubTM for P4TM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950202 Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS950202 Datasheet HTML 2Page - Integrated Circuit Systems ICS950202 Datasheet HTML 3Page - Integrated Circuit Systems ICS950202 Datasheet HTML 4Page - Integrated Circuit Systems ICS950202 Datasheet HTML 5Page - Integrated Circuit Systems ICS950202 Datasheet HTML 6Page - Integrated Circuit Systems ICS950202 Datasheet HTML 7Page - Integrated Circuit Systems ICS950202 Datasheet HTML 8Page - Integrated Circuit Systems ICS950202 Datasheet HTML 9Page - Integrated Circuit Systems ICS950202 Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
Integrated
Circuit
Systems, Inc.
ICS950202
0461L—05/28/03
Byte 1: Output Control Register
(1 = enable, 0 = disable)
Byte 3: Output Control Register
(1 = enable, 0 = disable)
Byte 2: Output Control Register
(1 = enable, 0 = disable)
Byte 4: Output Control Register
(1 = enable, 0 = disable)
t
i
B#
n
i
PD
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
B9
3
,
0
41
2
C
/
T
U
P
C
6
t
i
B3
4
,
4
41
1
C
/
T
U
P
C
5
t
i
B6
4
,
7
41
0
C
/
T
U
P
C
4
t
i
B-
X
k
c
a
b
d
a
e
R
4
S
F
3
t
i
B-
X
k
c
a
b
d
a
e
R
3
S
F
2
t
i
B-
X
k
c
a
b
d
a
e
R
2
S
F
1
t
i
B-
X
k
c
a
b
d
a
e
R
1
S
F
0
t
i
B-
X
k
c
a
b
d
a
e
R
0
S
F
t
i
B#
n
i
PD
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
B-
X
d
e
v
r
e
s
e
R
6
t
i
B-
X
d
e
v
r
e
s
e
R
5
t
i
B0
21
1
_
6
6
V
3
4
t
i
B1
31
K
L
C
_
H
C
V
/
0
_
6
6
V
3
3
t
i
B-
X
d
e
v
r
e
s
e
R
2
t
i
B-
X
d
e
v
r
e
s
e
R
1
t
i
B2
21
3
_
6
6
V
3
0
t
i
B1
21
2
_
6
6
V
3
t
i
B#
n
i
PD
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
B-
X
)
k
c
a
b
d
a
e
R
(
L
E
S
T
L
U
M
6
t
i
B7
11
6
_
K
L
C
I
C
P
5
t
i
B6
11
5
_
K
L
C
I
C
P
4
t
i
B5
11
4
_
K
L
C
I
C
P
3
t
i
B2
11
3
_
K
L
C
I
C
P
2
t
i
B1
11
2
_
K
L
C
I
C
P
1
t
i
B0
11
1
_
K
L
C
I
C
P
0
t
i
B9
1
0
_
K
L
C
I
C
P
Notes:
1. PWD = Power on Default
2. For disabled clocks, they stop low for single ended clocks. Differential CPU clocks stop with CPUCLKT at
high, CPUCLKC off, and external resistor termination will bring CPUCLKC low.
Bit
Pin#
PWD
Description
Bit7
34
1
48MHZ_DOT
Bit6
35
1
48MHz_USB
Bit5
-
1
Reset gear shift detect 1 = Enable, 0 = Disable
Bit4
-
X
Reserved
Bit3
31
0
3V66_0/VCH_CLK, (default) = 66.66MHz, 1=48MHz
Bit2
-
X
Reserved
Bit1
6
1
PCICLK8
Bit0
5
1
PCICLK7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com