Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950202 Datasheet(PDF) 15 Page - Integrated Circuit Systems

Part # ICS950202
Description  Programmable Timing Control HubTM for P4TM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950202 Datasheet(HTML) 15 Page - Integrated Circuit Systems

Back Button ICS950202 Datasheet HTML 11Page - Integrated Circuit Systems ICS950202 Datasheet HTML 12Page - Integrated Circuit Systems ICS950202 Datasheet HTML 13Page - Integrated Circuit Systems ICS950202 Datasheet HTML 14Page - Integrated Circuit Systems ICS950202 Datasheet HTML 15Page - Integrated Circuit Systems ICS950202 Datasheet HTML 16Page - Integrated Circuit Systems ICS950202 Datasheet HTML 17Page - Integrated Circuit Systems ICS950202 Datasheet HTML 18Page - Integrated Circuit Systems ICS950202 Datasheet HTML 19Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
15
Integrated
Circuit
Systems, Inc.
ICS950202
0461L—05/28/03
Electrical Characteristics - VCH, 48MHz DOT, 48MHz, USB
TA = 0 - 70C; VDD = 3.3V +/-5%; CL= 10-30pF (unlessotherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Frequency
FO
VO = VDD*(0.5)
48.008
MHz
Output Impedance
RDSN1
1
VO = VDD*(0.5)
12
55
Ω
Output High Voltage
VOH1
IOH = -1mA
2.4
3.1
V
Output Low Voltage
VOL1
IOL = -1mA
0.19
0.55
V
VOH@ MIN =1.0V
-29
-42
VOH@ MAX =3.135V
-6
-23
mA
VOL@ MIN = 1.95 V
29
56
IOL1
VOL@ MAX = 0.4V
24
27
mA
48DOT Rise Time
tr1
1
VOL = 0.4V, Voh =2.4V
0.5
0.93
1
ns
48DOT Fall Time
tf1
1
VOH = 2.4V, VOL = 0.4V
0.5
0.81
1
ns
Duty Cycle-48 DOT
dt1
1
VT = 1.5V
45
52.4
55
%
VCH 48 USB -Rise Time
tr
1
VOL = 0.4V, Voh =2.4V
1
1.7
2
ns
VCH 48 USB -Fall Time
tf
1
VOH = 2.4V, VOL = 0.4V
1
1.4
2
ns
Duty Cycle-48 USB
dt1
1
VT = 1.5V
45
52.9
55
%
48 DOT to 48 USB Skew
tskew
1
VT = 1.5V
187
1
ns
Jitter
tjcyc-cyc
1
VT = 1.5V
207
350
ps
1Guarenteed by design, not 100% tested.
IOH1
Output High Current
Output Low Current
Electrical Characteristics- REF
TA = 0 - 70C; VDD = 3.3V+/- 5%; CL= 10-30pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Frequency
FO1
14.318
MHz
Output Impedance
RDSP1
1
VO = VDD*(0.5)
20
60
Ω
Output High Voltage
VOH1
IOH = -1mA
2.4
V
Output Low Voltage
VOL1
IOL = -1mA
0.17
0.55
V
Output High Current
IOH1
VOH@ MIN =1.0V, VOH@ MAX
=3.135V
-33
-33
mA
VOL@ MIN = 1.95 V
30
60
VOL@ MAX = 0.4V
23
38
mA
Rise Time
tr1
VOL = 0.4V, Voh =2.4V
1
1.7
2
ns
Fall Time
tf1
VOH = 2.4V, VOL = 0.4V
1
1.4
2
ns
Duty Cycle
dt1
VT = 1.5V
45
54.5
55
%
Jitter
tjcyc-cyc1
VT = 1.5V
400
1000
ps
1 Guarenteed by design,not 100% tested in production
IOL1
Output Low Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com