Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIB1000 Datasheet(PDF) 9 Page - LUXPIA

Part # LIB1000
Description  Pb-Free Reflow
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUXPIA [LUXPIA]
Direct Link  http://www.luxpialed.com
Logo LUXPIA - LUXPIA

LIB1000 Datasheet(HTML) 9 Page - LUXPIA

Back Button LIB1000 Datasheet HTML 5Page - LUXPIA LIB1000 Datasheet HTML 6Page - LUXPIA LIB1000 Datasheet HTML 7Page - LUXPIA LIB1000 Datasheet HTML 8Page - LUXPIA LIB1000 Datasheet HTML 9Page - LUXPIA LIB1000 Datasheet HTML 10Page - LUXPIA LIB1000 Datasheet HTML 11Page - LUXPIA LIB1000 Datasheet HTML 12Page - LUXPIA LIB1000 Datasheet HTML 13Page - LUXPIA Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
(Ver 1.0)
8/14
9. Reliability
9.1. test items and results
no.
test item
Test Conditions
Note
number of
damaged
sample
1
resistance to soldering heat
(reflow)
Tsld=260oC, 10sec
2 times
0/22
2
solderability
(reflow)
Tsld=215± 5oC, 3sec
1 time
over 95%
0/22
3
temperature cycle
-40oC through +25oC to +85℃
(30min/5min/30min)
100 cycles
0/22
4
high temperature storage
Ta=85℃
1000 hrs
0/22
5
high humidity and
temperature storage
Ta=60℃, RH=90%
1000 hrs
0/22
6
low temperature storage
Ta=-30℃
1000 hrs
0/22
7
steady-state operating
lifetime test
Ta=25℃, IF=10mA
500 hrs
0/22
8
steady-state operating
lifetime of high humidity
and temperature
Ta=60℃, RH=90%, IF=5mA
500 hrs
0/22
9
steady-state operating
lifetime of low temperature
Ta=-30℃, IF=10mA
500 hrs
0/22
* Reliability is measure on the thermal emission PCB for LED Reliability test.
9.2. criteria for judging the damage
item
symbol
test condition
criteria for judgement
min
max
forward voltage
VF
IF = 5mA
-
U.S.L.5) × 1.2
luminous intensity
IV
IF = 5mA
L.S.L.6) × 0.5
-
5) U.S.L. : upper standard level
6) L.S.L. : lower standard level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com