Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIB1000 Datasheet(PDF) 4 Page - LUXPIA

Part # LIB1000
Description  Pb-Free Reflow
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUXPIA [LUXPIA]
Direct Link  http://www.luxpialed.com
Logo LUXPIA - LUXPIA

LIB1000 Datasheet(HTML) 4 Page - LUXPIA

  LIB1000 Datasheet HTML 1Page - LUXPIA LIB1000 Datasheet HTML 2Page - LUXPIA LIB1000 Datasheet HTML 3Page - LUXPIA LIB1000 Datasheet HTML 4Page - LUXPIA LIB1000 Datasheet HTML 5Page - LUXPIA LIB1000 Datasheet HTML 6Page - LUXPIA LIB1000 Datasheet HTML 7Page - LUXPIA LIB1000 Datasheet HTML 8Page - LUXPIA LIB1000 Datasheet HTML 9Page - LUXPIA Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
(Ver 1.0)
3/14
3. Absolute Maximum Ratings
(Ta=25℃)
item
symbol
value
unit
forward current
IF
20
mA
pulse forward current 1)
IFP
100
mA
reverse voltage
VR
5
V
power dissipation
PD
70
mW
operating temperature
Topr
-30 to+85
℃
storage temperature
Tstg
-40 to +85
℃
1)
IFP conditions : pulse width ≤ 10msec & duty ratio ≤ 1/10
* Absolute Maximum ratings is not normal operating condition.
4. Electro-Optical Characteristics
item
rank
symbol
condition
min
typ
max
unit
forward
voltage 2)
V26
VF
IF= 5mA
2.60
-
2.70
V
V27
2.70
-
2.80
V28
2.80
-
2.90
V29
2.90
-
3.00
V30
3.00
-
3.10
Luminous
intensity 3)
2E10
IV
IF= 5mA
100
-
150
mcd
2E15
150
-
200
2E20
200
-
250
2E25
250
-
300
reverse
voltage
-
VR
IR=10mA
-
-
2.0
V
2) Forward voltages are tested at a current pulse duration of 10 ms and an accuracy within ± 0.1V.
3) The allowance of luminous intensity measurement is within ± 11%.
* To avoid optical difference, please do not mix differently ranked product.
* All measurements were made under the standardized environment of LUXPIA.
(Ta=25℃, IF=5mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com