Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIB1000 Datasheet(PDF) 14 Page - LUXPIA

Part # LIB1000
Description  Pb-Free Reflow
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUXPIA [LUXPIA]
Direct Link  http://www.luxpialed.com
Logo LUXPIA - LUXPIA

LIB1000 Datasheet(HTML) 14 Page - LUXPIA

Back Button LIB1000 Datasheet HTML 7Page - LUXPIA LIB1000 Datasheet HTML 8Page - LUXPIA LIB1000 Datasheet HTML 9Page - LUXPIA LIB1000 Datasheet HTML 10Page - LUXPIA LIB1000 Datasheet HTML 11Page - LUXPIA LIB1000 Datasheet HTML 12Page - LUXPIA LIB1000 Datasheet HTML 13Page - LUXPIA LIB1000 Datasheet HTML 14Page - LUXPIA LIB1000 Datasheet HTML 15Page - LUXPIA  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
(Ver 1.0)
13/14
12. Characteristic Diagrams
* All characteristics shown are for reference only are not guarantee.
(1) forward voltage vs. forward current
(3) ambient temperature vs. allowable
forward current
(4) ambient temperature vs. relative luminosity
(Ta=25℃)
forward voltage VF[V]
(2) forward current vs. relative luminosity
(Ta=25℃)
forward current IF[mA]
-40
0.1
1
10
0
-20
20
60
100
80
40
ambient temperature Ta[℃]
ambient temperature Ta[℃]
(IF=5mA)
80
60
40
20
10
50
40
30
20
100
0
-20
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com