Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AE607 Datasheet(PDF) 1 Page - RFHIC

Part # AE607
Description  SOIC-8 SMD Type package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AE607 Datasheet(HTML) 1 Page - RFHIC

  AE607 Datasheet HTML 1Page - RFHIC AE607 Datasheet HTML 2Page - RFHIC AE607 Datasheet HTML 3Page - RFHIC AE607 Datasheet HTML 4Page - RFHIC AE607 Datasheet HTML 5Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
E-pHEMT MMIC
AE607
Korean Facilities : 82-31-8069-3036 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
1 / 5
Version 1.1
Product Features
Applications
• 5 ~ 1000MHz
• High Gain
• High linearity
• SOIC-8 SMD Type package
• Higher productivity
• Lower manufacturing cost
• Low Noise Figure
• -63dBc CSO 79 Channels @ +40dBmV/ch
• -65dBc CTB 79 Channels @ +40dBmV/ch
• Low Noise Amplifier for
CATV, Satellite
• Cable Modem
• FTTH (G-PON, GE-PON)
• Optical node
Description
AE607 is designed as low cost drive amplifiers for many applications including FTTH, CATV System.
This MMIC is based on Gallium Arsenide Enhancement Mode pHEMT which shows low current draw and very low noise.
The data in this spec sheet is valid only for 75ohm application. 50ohm data is in a separate spec sheet.
Electrical Specifications
PARAMETER
UNIT
MIN
TYP
MAX
CONDITION
Frequency
MHz
5
-
1500
-
Gain
dB
10.5
12.5
-
30 ~ 1000MHz
Gain Flatness
dB
-
0.8
-
30 ~ 1000MHz
Input Return Loss
dB
-
-15
-
-
Output Return Loss
dB
-
-15
-
-
Output IP3
dBm
40
43
-
@ 500MHz/10dBm 2tone
1dB Compression Point
dBm
25
28
-
@ 500MHz
Noise Figure
dB
-
3.5
-
30 ~ 1000MHz
CTB
30 ~ 1004MHz
dBc
-
-69
-64
79 channel, +40dBmV/ch
CSO
dBc
-
-70
-65
DC Current
mA
-
240
-
Vdd = 8.0V
Note
1. Test conditions unless otherwise noted. Test Freq = 500MHz, T=25℃, Vdd=8V, 75Ω system
2. OIP3 measured with 2 tones at an output power of +10dBm/tone separated by 1MHz, Test Freq = 500MHz
Absolute Maximum Ratings
PARAMETER
UNIT
MIN
TYP
MAX
Device Voltage
VDC
-
8
12
Operating Temperature
℃
-40
-
85
Storage Temperature
℃
-40
-
150
ESD Human Body Model
-
-
Class 1B
-
Moisture Sensitivity Level
-
-
MSL1
-
Junction Temperature (Tj)
℃
-
-
180
Thermal Resistance (Rth)
℃/W
-
30
-
Package Type : SOIC-8


Similar Part No. - AE607

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AE60 ETC2-AE60 Datasheet
85Kb / 1P
CPRIIRNCTEUDI TCI RICMUPITR BIMOA횋RD
logo
RFHIC
AE608 RFHIC-AE608 Datasheet
447Kb / 8P
E-pHEMT
AE608 RFHIC-AE608_14 Datasheet
396Kb / 9P
Low-Noise High Linearity Amplifier
logo
Astec America, Inc
AE60A24-196 ASTEC-AE60A24-196 Datasheet
182Kb / 15P
3-5.5Vdc Input, 1.2Vdc - 3.3Vdc Output 20W DC-DC Converter
AE60A24-197 ASTEC-AE60A24-197 Datasheet
182Kb / 15P
3-5.5Vdc Input, 1.2Vdc - 3.3Vdc Output 20W DC-DC Converter
More results

Similar Description - AE607

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
8SOIC SMSC-8SOIC Datasheet
295Kb / 1P
8 PIN SOIC PACKAGE OUTLINE
logo
Vishay Siliconix
VO0600T VISHAY-VO0600T_1 Datasheet
150Kb / 11P
High Speed Optocoupler, 10 MBd, SOIC-8 Package
06-Oct-08
logo
Maxim Integrated Produc...
90-0096 MAXIM-90-0096 Datasheet
28Kb / 1P
PACKAGE LAND PATTERN, (S8) 0.150 SOIC, 8 LEADS
Rev C
logo
Central Semiconductor C...
CWDM305P CENTRAL-CWDM305P Datasheet
1Mb / 2P
30V, MOSFETs in the SOIC-8 package
logo
Integrated Device Techn...
ICS570 IDT-ICS570 Datasheet
256Kb / 11P
8-pin SOIC package
logo
Vishay Siliconix
ILD205T VISHAY-ILD205T_15 Datasheet
153Kb / 8P
Optocoupler, Phototransistor Output, Dual Channel, SOIC-8 Package
23-Oct-15
ILD217T VISHAY-ILD217T_V01 Datasheet
87Kb / 4P
Optocoupler, Phototransistor Output, Dual Channel, SOIC-8 Package
23-Jul-14
VOD223T VISHAY-VOD223T_V01 Datasheet
111Kb / 6P
Optocoupler, Photodarlington Output, Dual Channel, SOIC-8 Package
10-Dec-14
SFH6757 VISHAY-SFH6757_V01 Datasheet
163Kb / 11P
High Speed Optocoupler, 10 MBd, SOIC-8 Package
26-Aug-13
VO0661T VISHAY-VO0661T_V01 Datasheet
153Kb / 10P
High Speed Optocoupler, 10 MBd, SOIC-8 Package
25-Oct-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com