Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AE607 Datasheet(PDF) 3 Page - RFHIC

Part # AE607
Description  SOIC-8 SMD Type package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AE607 Datasheet(HTML) 3 Page - RFHIC

  AE607 Datasheet HTML 1Page - RFHIC AE607 Datasheet HTML 2Page - RFHIC AE607 Datasheet HTML 3Page - RFHIC AE607 Datasheet HTML 4Page - RFHIC AE607 Datasheet HTML 5Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
E-pHEMT MMIC
AE607
Korean Facilities : 82-31-8069-3036 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
3 / 5
Version 1.1
Frequency vs. OIP3
25
30
35
40
45
50
30
200
400
600
800
1000
Freq(MHz)
Application Circuit @ 30~1000MHz
Evaluation Part List @ 30~1000MHz
Location
Model No.
Spec.
Maker
Quantity
C1
GRM188R71H103KA01D
10nF
Murata
10
C2
GRM188R71C104KA01D
100nF
Murata
2
C3
TAJA475M016RNJ, 4.7uF
4.7uF
AVX
2
R1
MCR06 EZPJ102~302
1K~3KΩ
ROHM
2
R2
MCR03 EZPJ271
270Ω
ROHM
2
R3
MCR03 EZPJ201
200Ω
ROHM
2
R4
MCR10 EZHJ100 (>0.25W)
10Ω
ROHM
4
L1
LEM2520TR56K
560nH
Taiyo-yuden
2
BAL_1
D60465A
2.5T
LS Comm.
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com