Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AE607 Datasheet(PDF) 2 Page - RFHIC

Part # AE607
Description  SOIC-8 SMD Type package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AE607 Datasheet(HTML) 2 Page - RFHIC

  AE607 Datasheet HTML 1Page - RFHIC AE607 Datasheet HTML 2Page - RFHIC AE607 Datasheet HTML 3Page - RFHIC AE607 Datasheet HTML 4Page - RFHIC AE607 Datasheet HTML 5Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
E-pHEMT MMIC
AE607
Korean Facilities : 82-31-8069-3036 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
2 / 5
Version 1.1
Application Circuit @ 30 ~ 1000MHz, 75ohm System, VDD=8V
Typical Performance @ VDD=8V, IDS=240mA, T=25℃, 75ohm System
PARAMETER
Units
Typical
Frequency
MHz
30
500
1000
Gain(S21)
dB
12.3
12.9
12.2
Input Return Loss(S11)
dB
-10.2
-21.8
-19.7
Output Return Loss(S22)
dB
-9.5
-18.5
-20.3
Output IP3
dBm
41.5
43.5
39.5
1dB Compression Point
dBm
26.1
28.4
26.8
Noise Figure
dB
3.5
3.5
3.7
CSO*
dBc
-69
CTB*
dBc
-70
Current
mA
240
S-Parameter
0.2
0.4
0.6
0.8
1.0
0.0
1.2
-5
0
5
10
15
-10
20
-20
-10
0
10
20
-30
30
Freq(GHz)
* 79channels_Flat, +40dBmV
Frequency vs. Noise Figure
Frequency vs. P1dB
2
3
4
5
6
7
30
200
400
600
800
1000
Freq(MHz)
10
15
20
25
30
35
30
200
400
600
800
1000
Freq(MHz)
S21
S22
S11



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com