Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3940 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3940
Description  1A Low Dropout Regulator for 5V to 3.3V Conversion
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3940 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM3940 Datasheet HTML 1Page - National Semiconductor (TI) LM3940 Datasheet HTML 2Page - National Semiconductor (TI) LM3940 Datasheet HTML 3Page - National Semiconductor (TI) LM3940 Datasheet HTML 4Page - National Semiconductor (TI) LM3940 Datasheet HTML 5Page - National Semiconductor (TI) LM3940 Datasheet HTML 6Page - National Semiconductor (TI) LM3940 Datasheet HTML 7Page - National Semiconductor (TI) LM3940 Datasheet HTML 8Page - National Semiconductor (TI) LM3940 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Storage Temperature Range
−65˚C to +150˚C
Operating Junction Temperature Range
−40˚C to +125˚C
Lead Temperature (Soldering, 5 seconds)
260˚C
Power Dissipation (Note 2)
Internally Limited
Input Supply Voltage
7.5V
ESD Rating (Note 3)
2 kV
Electrical Characteristics
Limits in standard typeface are for T
J = 25˚C, and limits in boldface type apply over the full operating temperature range. Un-
less otherwise specified: V
IN = 5V, IL = 1A, COUT = 33 µF.
Symbol
Parameter
Conditions
Typical
LM3940 (Note 4)
Units
min
max
V
O
Output Voltage
5 mA
≤ I
L ≤ 1A
3.3
3.20
3.40
V
3.13
3.47
Line Regulation
I
L = 5mA
20
40
mV
4.5V
≤ V
O ≤ 5.5V
Load Regulation
50 mA
≤ I
L ≤ 1A
35
50
80
Z
O
Output Impedance
I
L (DC) = 100 mA
I
L (AC) = 20 mA (rms)
35
m
Ω
f = 120 Hz
I
Q
Quiescent Current
4.5V
≤ V
IN ≤ 5.5V
10
15
mA
I
L = 5mA
20
V
IN = 5V
110
200
I
L = 1A
250
e
n
Output Noise Voltage
BW = 10 Hz–100 kHz
150
µV (rms)
I
L = 5mA
V
O −VIN
Dropout Voltage
I
L = 1A
0.5
0.8
V
(Note 5)
1.0
I
L = 100 mA
110
150
mV
200
I
L(SC)
Short Circuit Current
R
L = 0
1.7
1.2
A
Note 1: Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical specifications do not apply when operating the de-
vice outside of its rated operating conditions.
Note 2: The maximum allowable power dissipation is a function of the maximum junction temperature, TJ, the junction-to-ambient thermal resistance, θJ−A, and the
ambient temperature, TA. Exceeding the maximum allowable power dissipation will cause excessive die temperature, and the regulator will go into thermal shutdown.
The value of
θJ−A (for devices in still air with no heatsink) is 60˚C/W for the TO-220 package, 80˚C/W for the TO-263 package, and 174˚C/W for the SOT-223 package.
The effective value of
θJ−A can be reduced by using a heatsink (see Application Hints for specific information on heatsinking).
Note 3: ESD rating is based on the human body model: 100 pF discharged through 1.5 k
Ω.
Note 4: All limits guaranteed for TJ = 25˚C are 100% tested and are used to calculate Outgoing Quality Levels. All limits at temperature extremes are guaranteed
via correlation using standard Statistical Quality Control (SQC) methods.
Note 5: Dropout voltage is defined as the input-output differential voltage where the regulator output drops to a value that is 100 mV below the value that is measured
at VIN = 5V.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com