Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3940 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3940
Description  1A Low Dropout Regulator for 5V to 3.3V Conversion
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3940 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM3940 Datasheet HTML 1Page - National Semiconductor (TI) LM3940 Datasheet HTML 2Page - National Semiconductor (TI) LM3940 Datasheet HTML 3Page - National Semiconductor (TI) LM3940 Datasheet HTML 4Page - National Semiconductor (TI) LM3940 Datasheet HTML 5Page - National Semiconductor (TI) LM3940 Datasheet HTML 6Page - National Semiconductor (TI) LM3940 Datasheet HTML 7Page - National Semiconductor (TI) LM3940 Datasheet HTML 8Page - National Semiconductor (TI) LM3940 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Connection Diagram/Ordering Information
DS012080-2
3-Lead TO-220 Package
(Front View)
Order Part Number LM3940IT-3.3
NSC Drawing Number TO3B
DS012080-3
3-Lead TO-263 Package
(Front View)
Order Part Number LM3940IS-3.3
NSC Drawing Number TS3B
DS012080-10
3-Lead SOT-223
(Front View)
Order Part Number LM3940IMP-3.3
Package Marked L52B
NSC Drawing Number MA04A
DS012080-27
16-Lead Ceramic Dual-in-Line Package
(Top View)
Order Part Number LM3940J-3.3-QML
5962-9688401QEA
NSC Drawing Number J16A
DS012080-28
16-Lead Ceramic Surface-Mount Package
(Top View)
Order Part Number LM3940WG-3.3-QML
5962-9688401QXA
NSC Drawing Number WG16A
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com