Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3940 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3940
Description  1A Low Dropout Regulator for 5V to 3.3V Conversion
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3940 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM3940 Datasheet HTML 2Page - National Semiconductor (TI) LM3940 Datasheet HTML 3Page - National Semiconductor (TI) LM3940 Datasheet HTML 4Page - National Semiconductor (TI) LM3940 Datasheet HTML 5Page - National Semiconductor (TI) LM3940 Datasheet HTML 6Page - National Semiconductor (TI) LM3940 Datasheet HTML 7Page - National Semiconductor (TI) LM3940 Datasheet HTML 8Page - National Semiconductor (TI) LM3940 Datasheet HTML 9Page - National Semiconductor (TI) LM3940 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Application Hints (Continued)
If a manufactured heatsink is to be selected, the value of
heatsink-to-ambient thermal resistance,
θ
(H−A), must first be
calculated:
θ
(H−A) = θ(J−A) − θ(C−H) − θ(J−C)
Where:
θ
(J−C)
is defined as the thermal resistance from
the junction to the surface of the case. A
value of 4˚C/W can be assumed for
θ
(J−C)
for this calculation.
θ
(C−H)
is defined as the thermal resistance be-
tween the case and the surface of the heat-
sink. The value of
θ
(C−H)
will vary from
about 1.5˚C/W to about 2.5˚C/W (depend-
ing on method of attachment, insulator,
etc.). If the exact value is unknown, 2˚C/W
should be assumed for
θ
(C−H).
When a value for
θ
(H−A) is found using the equation shown,
a heatsink must be selected that has a value that is less than
or equal to this number.
θ
(H−A) is specified numerically by the heatsink manufacturer
in the catalog, or shown in a curve that plots temperature rise
vs power dissipation for the heatsink.
HEATSINKING TO-263 AND SOT-223 PACKAGE PARTS
Both the TO-263 (“S”) and SOT-223 (“MP”) packages use a
copper plane on the PCB and the PCB itself as a heatsink.
To optimize the heat sinking ability of the plane and PCB,
solder the tab of the package to the plane.
Figure 3 shows for the TO-263 the measured values of
θ
(J−A)
for different copper area sizes using a typical PCB with 1
ounce copper
and no solder mask over the copper area used
for heatsinking.
As shown in the figure, increasing the copper area beyond 1
square inch produces very little improvement. It should also
be observed that the minimum value of
θ
(J−A) for the TO-263
package mounted to a PCB is 32˚C/W.
As a design aid,
Figure 4 shows the maximum allowable
power dissipation compared to ambient temperature for the
TO-263 device (assuming
θ
(J−A) is 35˚C/W and the maxi-
mum junction temperature is 125˚C).
Figure 5 and Figure 6 show the information for the SOT-223
package.
Figure 6 assumes a
θ
(J−A) of 74˚C/W for 1 ounce
copper and 51˚C/W for 2 ounce copper and a maximum
junction temperature of 125˚C.
Please see AN1028 for power enhancement techniques to
be used with the SOT-223 package.
DS012080-7
FIGURE 3.
θ
(J−A) vs Copper (1 ounce) Area for the
TO-263 Package
DS012080-8
FIGURE 4. Maximum Power Dissipation vs T
AMB for
the TO-263 Package
DS012080-11
FIGURE 5.
θ
(J−A) vs Copper (2 ounce) Area for the
SOT-223 Package
DS012080-12
FIGURE 6. Maximum Power Dissipation vs T
AMB for
the SOT-223 Package
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com