Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3LP02C Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 3LP02C
Description  3LP02C
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

3LP02C Datasheet(HTML) 3 Page - Sanyo Semicon Device

  3LP02C Datasheet HTML 1Page - Sanyo Semicon Device 3LP02C Datasheet HTML 2Page - Sanyo Semicon Device 3LP02C Datasheet HTML 3Page - Sanyo Semicon Device 3LP02C Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3LP02C
No.6385-3/4
0
0
--1
--2
--3
--4
--5
--6
--7
--8
2.0
1.5
0.5
1.0
--9
--10
総ゲート電荷量, Qg -- nC
VGS -- Qg
VDS=--10V
ID=--200mA
--0.01
10
7
5
3
2
7
5
3
2
--0.1
1000
100
23
5
7
2
3
ドレイン電流, ID -- A
SW Time -- ID
VDD=--15V
VGS=--4V
0
1.0
--5
10
7
5
3
2
7
5
3
2
--10
--15
100
--20
--30
--25
ドレイン・ソース電圧, VDS -- V
Ciss, Coss, Crss -- VDS
f=1MHz
--0.4
--0.5
--0.6
--0.7
--0.8
--0.9
--1.0
--0.01
--0.1
--1.0
7
5
3
2
7
5
3
2
ダイオード順電圧, VSD -- V
IF -- VSD
VGS=0
td(on)
tr
tf
td(off)
Ciss
Coss
Crss
IT00245
IT00246
IT00247
IT00248
--0.01
0.01
--0.1
1.0
7
5
3
2
7
5
3
2
0.1
--1.0
7
5
3
2
7
5
3
2
ドレイン電流, ID -- A
yfs -- ID
VDS=--10V
--60
0
--40
1
--20
2
3
0
4
5
20
40
6
60
7
80
100
120
140
160
周囲温度, Ta --
°C
RDS(on) -- Ta
ID=50mA,
VGS
=2.5V
ID=100mA,
VGS
=4.0V
75°C
25°
C
Ta=-
-25°
C
IT00243
IT00244
--0.01
1.0
--0.1
10
7
5
3
2
--1.0
7
5
3
2
7
5
3
2
ドレイン電流, ID -- A
RDS(on) -- ID
VGS=--2.5V
--0.001
1.0
--0.01
100
7
5
3
2
7
5
3
2
10
--0.1
23
5
7
23
5
7
ドレイン電流, ID -- A
RDS(on) -- ID
VGS=--1.5V
Ta=75
°C
25
°C
--25
°C
Ta=75
°C
25°
C
--25
°C
IT00241
IT00242



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com