Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L034 Datasheet(PDF) 3 Page - IXYS Corporation

Part # L034
Description  MegaMOSTMFET Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

L034 Datasheet(HTML) 3 Page - IXYS Corporation

  L034 Datasheet HTML 1Page - IXYS Corporation L034 Datasheet HTML 2Page - IXYS Corporation L034 Datasheet HTML 3Page - IXYS Corporation L034 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
IXYS Corporation
3540 Bassett Street, Santa Clara,CA 95054
Tel: 408-982-0700
Fax: 408-496-0670
IXYS Semiconductor
Edisonstr. 15, D-68623 Lampertheim, Germany
Tel: +49-6206-5030
Fax: +49-6206-503629
I
XYS reserves the right to change limits, test conditions, and dimensions.
VMO 380-02 F
Fig. 1 Typical output characteristics I
D = f (VDS)
Fig. 2 Typical transfer characteristics I
D = f (VGS)
0123456
0
200
400
600
800
1000
1200
5 V
6 V
7 V
8 V
9 V
V
DS
I
D
V
A
I
D
0
2
468
0
200
400
600
800
1000
1200
V
DS = 30 V
V
V
GS
T
J = 125°C
T
J = 25°C
0
255075
100
125
150
0
50
100
150
200
250
300
350
400
450
T
S
T
J
°C
A
-50
-25
0
25
50
75
100
125
150
0.6
0.7
0.8
0.9
1.0
1.1
1.2
V
DSS
norm.
°C
V
GS(th)
-50
-25
0
25
50
75
100
125
150
0.5
1.0
1.5
2.0
2.5
norm.
°C
0
200
400
600
800
1000
1200
0.8
0.9
1.0
1.1
1.2
1.3
1.4
R
DS(on)
T
J
V
GS = 15 V
V
DSS
V
GS = 10 V
A
I
D
norm.
R
DS(on)
I
D
V
GS = 10 V
V
GS(th)
A
I
D = 190 A
Fig. 5 Continuous drain current I
D = f (TK)
Fig. 6 V
DSS = f (TJ), VGS(th) = f (TJ),
normalized
Fig. 3 Typical R
DS(on) = f (ID), normalized
Fig. 4 R
DS(on) = f (TJ), normalized



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com