Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L034 Datasheet(PDF) 4 Page - IXYS Corporation

Part # L034
Description  MegaMOSTMFET Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

L034 Datasheet(HTML) 4 Page - IXYS Corporation

  L034 Datasheet HTML 1Page - IXYS Corporation L034 Datasheet HTML 2Page - IXYS Corporation L034 Datasheet HTML 3Page - IXYS Corporation L034 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents:
4,835,592
4,881,106
5,017,508
5,049,961 5,187,117 5,486,715
4,850,072
4,931,844
5,034,796
5,063,307 5,237,481 5,381,025
VMO 380-02 F
Fig. 7 Typical turn-on gate charge characteristics
Fig. 8 Forward Bias Safe Operating Area, I
D = f (VDS )
p
Fig. 11 Drain current versus pulse width and
Fig. 12 Transient thermal resistance Z
thJK = f (tp)
duty cycle
Fig. 9 Typical capacitances C = f (V
DS), f = 1 MHz
Fig. 10 Typical forward characteristics of reverse
diode, I
S = f (VSD )
0.0001
0.001
0.01
0.1
1
0
100
200
300
400
500
600
700
800
900
1000
0.001
0.01
0.1
1
10
0.001
0.01
0.1
1
10
100
1000
10
100
1000
10000
Z
thJK
D=0.01
D=0.02
D=0.05
D= 0.1
D= 0.2
D = 0.5
s
K/W
0
500
1000
1500
2000
2500
3000
0
3
6
9
12
15
V
GS
V
I
D
A
Limited by R
DS(on)
t = 100 ms
t = 10 ms
V
DS
V
t
0.00
0.25
0.50
0.75
1.00
1.25
1.50
0
200
400
600
800
1000
1200
T
J = 25°C
T
J = 125°C
V
A
0
5
10
15
20
25
1
10
100
1000
nF
V
SD
I
S
C
oss
V
DS
V
C
I
D = 190 A
I
G = 11 mA
V
DS = 100 V
Q
g
nC
t = 1 ms
non-repetitive
T
J = 150°C
T
S = 25°C
C
iss
C
rss
D = single pulse
0
t
p
s
I
d
D= 0.1
D= 0.2
D= 0.3
D= 0.4
D= 0.5
D= 0.7
T
K = 80°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com