Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L034 Datasheet(PDF) 1 Page - IXYS Corporation

Part # L034
Description  MegaMOSTMFET Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

L034 Datasheet(HTML) 1 Page - IXYS Corporation

  L034 Datasheet HTML 1Page - IXYS Corporation L034 Datasheet HTML 2Page - IXYS Corporation L034 Datasheet HTML 3Page - IXYS Corporation L034 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
IXYS Corporation
3540 Bassett Street, Santa Clara,CA 95054
Tel: 408-982-0700
Fax: 408-496-0670
IXYS Semiconductor
Edisonstr. 15, D-68623 Lampertheim, Germany
Tel: +49-6206-5030
Fax: +49-6206-503629
I
XYS reserves the right to change limits, test conditions, and dimensions.
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
200
V
V
DGR
T
J
= 25
°C to 150°C; R
GS = 10 kΩ
200
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
K = 25°C
385
A
I
DM
T
K = 25 °C, t P = 10 µs
1540
A
P
D
T
C = 25°C
2230
W
T
K = 25°C
1505
W
T
J
-40 ...+150
°C
T
JM
150
°C
T
stg
-40 ... +125
°C
V
ISOL
50/60 Hz
t = 1 min
3000
V~
I
ISOL ≤ 1 mA
t = 1 s
3600
V~
M
d
Mounting torque (M6)
2.25-2.75/20-25 Nm/lb.in.
Terminal connection torque (M5)
2.5-3.7/22-33 Nm/lb.in.
Weight
typical including screws
250
g
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
DSS
V
GS
= 0 V, I
D = 12 mA
200
V
V
GS(th)
V
DS = 20 V, ID = 120 mA
3
6
V
I
GSS
V
GS
=
±20 V DC, V
DS = 0
±500 nA
I
DSS
V
DS = VDSS ,VGS = 0 V
T
J = 25°C
2,5 mA
V
DS = 0.8 • VDSS,VGS = 0 V
T
J = 125°C12
mA
R
DS(on)
V
GS
= 10 V, I
D = 0.5 • ID25
4.6 m
Pulse test, t
≤ 300 µs, duty cycle d ≤ 2 %
1
2
11
10
MegaMOSTMFET
VMO 380-02 F V
DSS
= 200 V
Module
I
D25
= 385 A
R
DS(on)
= 4.6 m
N-Channel Enhancement Mode
Preliminary data
1 = Drain
2 = Source
10 = Kelvin Source
11 = Gate
1
2
10
11
Features
q
International standard package
q
Direct Copper Bonded Al
2O3 ceramic
base plate
q
Isolation voltage 3600 V~
q
Low R
DS(on) HDMOS
TM process
q
Low package inductance for high
speed switching
q
Kelvin Source contact for easy drive
Applications
q
AC motor speed control for electric
vehicles
q
DC servo and robot drives
q
Switched-mode and resonant-mode
power supplies
q
DC choppers in fork lift trucks
Advantages
q
Easy to mount
q
Space and weight savings
q
High power density
q
Low losses


Similar Part No. - L034

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
L034XGC MULTICOMP-L034XGC Datasheet
407Kb / 2P
Single Color LED
30/08/24 V1.0
L034XGD MULTICOMP-L034XGD Datasheet
406Kb / 2P
Single Color LED
30/08/24 V1.0
More results

Similar Description - L034

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
7MBR15PE120 FUJI-7MBR15PE120 Datasheet
1Mb / 5P
IGBT Module(Power Integrated Module)
logo
IXYS Corporation
IXTH14N100 IXYS-IXTH14N100 Datasheet
46Kb / 2P
MegaMOSTMFET
logo
List of Unclassifed Man...
MTC-16204X ETC-MTC-16204X Datasheet
88Kb / 1P
MODULE
logo
Mitsumi Electronics, Co...
WML-C06 MITSUMI-WML-C06 Datasheet
107Kb / 2P
Module
logo
IXYS Corporation
IXTK180N15 IXYS-IXTK180N15 Datasheet
85Kb / 2P
High Current MegaMOSTMFET
logo
SanRex Corporation
SBA500AA SANREX-SBA500AA Datasheet
131Kb / 2P
MODULE
logo
IXYS Corporation
IXTH35N30 IXYS-IXTH35N30 Datasheet
107Kb / 4P
MegaMOSTMFET
logo
List of Unclassifed Man...
GM862-GPS ETC2-GM862-GPS Datasheet
443Kb / 2P
module
AIRBON-F400 ETC-AIRBON-F400 Datasheet
382Kb / 17P
Module
BCD110 ETC-BCD110 Datasheet
1Mb / 25P
Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com