Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L430 Datasheet(PDF) 3 Page - IXYS Corporation

Part # L430
Description  Converter - Brake - Inverter Module (CBI3)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

L430 Datasheet(HTML) 3 Page - IXYS Corporation

  L430 Datasheet HTML 1Page - IXYS Corporation L430 Datasheet HTML 2Page - IXYS Corporation L430 Datasheet HTML 3Page - IXYS Corporation L430 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2003 IXYS All rights reserved
3 - 4
MUBW 75-06 A8
Brake Chopper T7
Symbol
Conditions
Maximum Ratings
V
CES
T
VJ = 25°C to 150°C
600
V
V
GES
Continuous
± 20
V
I
C25
T
C =
25°C
50
A
I
C80
T
C =
80°C
35
A
RBSOA
V
GE = ±15 V; RG = 33 Ω; TVJ = 125°C
I
CM =
60
A
Clamped inductive load; L = 100 µH
V
CEK ≤ VCES
t
SC
V
CE = VCES; VGE = ±15 V; RG = 33 Ω; TVJ = 125°C
10
µs
(SCSOA)
non-repetitive
P
tot
T
C = 25°C
165
W
Symbol
Conditions
Characteristic Values
(T
VJ = 25°C, unless otherwise specified)
min.
typ.
max.
V
CE(sat)
I
C = 35 A; VGE = 15 V; TVJ =
25°C
2.0
2.5
V
T
VJ = 125°C
2.3
V
V
GE(th)
I
C = 0.7 mA; VGE = VCE
4.5
6.5
V
I
CES
V
CE = VCES; VGE = 0 V; TVJ =
25°C
0.5
mA
T
VJ = 125°C
0.3
mA
I
GES
V
CE = 0 V; VGE = ± 20 V
200
nA
t
d(on)
50
ns
t
r
50
ns
t
d(off)
270
ns
t
f
40
ns
E
on
1.63
mJ
E
off
1.17
mJ
C
ies
V
CE = 25 V; VGE = 0 V; f
= 1 MH z
1.6
nF
Q
Gon
V
CE= 300 V; VGE = 15 V; IC = 25 A
94
nC
R
thJC
0.75 K/W
Brake Chopper D7
Symbol
Conditions
Maximum Ratings
V
RRM
T
VJ = 25°C to 150°C
600
V
I
F25
T
C =
25°C
35
A
I
F80
T
C =
80°C
24
A
Symbol
Conditions
Characteristic Values
min.
typ.
max.
V
F
I
F = 35 A; TVJ =
25°C
2.0
2.3
V
T
VJ = 125°C
1.5
V
I
R
V
R = VRRM; TVJ =
25°C
0.1
mA
T
VJ = 125°C
0.1
mA
I
RM
I
F = 15 A; diF/dt = -400 A/µs; TVJ = 125°C
13
A
t
rr
V
R = 300 V
90
ns
R
thJC
2.1 K/W
Inductive load, T
VJ = 125°C
V
CE = 300 V; IC = 35 A
V
GE =
±15 V; R
G = 33 Ω



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com