Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L430 Datasheet(PDF) 4 Page - IXYS Corporation

Part # L430
Description  Converter - Brake - Inverter Module (CBI3)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

L430 Datasheet(HTML) 4 Page - IXYS Corporation

  L430 Datasheet HTML 1Page - IXYS Corporation L430 Datasheet HTML 2Page - IXYS Corporation L430 Datasheet HTML 3Page - IXYS Corporation L430 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© 2003 IXYS All rights reserved
4 - 4
Temperature Sensor NTC
Symbol
Conditions
Characteristic Values
min.
typ.
max.
R
25
T = 25°C
4.75
5.0
5.25
k
Ω
B
25/50
3375
K
Module
Symbol
Conditions
Maximum Ratings
T
VJ
operating
-40...+125
°C
T
JM
+150
°C
T
stg
-40...+125
°C
V
ISOL
I
ISOL ≤ 1 mA; 50/60 Hz
2500
V~
M
d
Mounting torque (M5)
3 - 6
Nm
Symbol
Conditions
Characteristic Values
min.
typ.
max.
R
pin-chip
5m
Ω
d
S
Creepage distance on surface
6
mm
d
A
Strike distance in air
6
mm
R
thCH
with heatsink compound
0.01
K/W
Weight
300
g
MUBW 75-06 A8



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com