Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L430 Datasheet(PDF) 1 Page - IXYS Corporation

Part # L430
Description  Converter - Brake - Inverter Module (CBI3)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

L430 Datasheet(HTML) 1 Page - IXYS Corporation

  L430 Datasheet HTML 1Page - IXYS Corporation L430 Datasheet HTML 2Page - IXYS Corporation L430 Datasheet HTML 3Page - IXYS Corporation L430 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2003 IXYS All rights reserved
1 - 4
Advanced Technical Information
Converter - Brake - Inverter Module (CBI3)
Input Rectifier D11 - D16
Symbol
Conditions
Maximum Ratings
V
RRM
1600
V
I
FAV
T
C = 80°C; sine 180°
50
A
I
DAVM
T
C = 80°C; rectangular; d = 1/3; bridge
140
A
I
FSM
T
VJ = 25°C; t = 10 ms; sine 50 Hz
700
A
P
tot
T
C = 25°C
135
W
Symbol
Conditions
Characteristic Values
(T
VJ = 25°C, unless otherwise specified)
min.
typ.
max.
V
F
I
F = 75 A; TVJ =
25°C
1.2
1.4
V
T
VJ = 125°C
1.2
V
I
R
V
R = VRRM; TVJ =
25°C
0.05
mA
T
VJ = 125°C
0.8
mA
R
thJC
(per diode)
0.94 K/W
Three Phase
Brake Chopper
Three Phase
Rectifier
Inverter
V
RRM
= 1600 V
V
CES
= 600 V
V
CES
= 600 V
I
FAVM
= 70 A
I
C25
= 50 A
I
C25
= 100 A
I
FSM
= 700 A
V
CE(sat) =
2.0 V
V
CE(sat)=
2.0 V
MUBW 75-06 A8
IXYS reserves the right to change limits, test conditions and dimensions.
Application: AC motor drives with
●
Input from single or three phase grid
●
Three phase synchronous or
asynchronous motor
●
electric braking operation
Features
●
High level of integration - only one power
semiconductor module required for the
whole drive
●
NPT IGBT technology with low
saturation voltage, low switching
losses, high RBSOA and short circuit
ruggedness
●
Epitaxial free wheeling diodes with
Hiperfast and soft reverse recovery
●
Industry standard package with insulated
copper base plate and soldering pins for
PCB mounting
●
Temperature sense included
NTC
D11
D13
D15
D12
D14
D16
1
23
D7
T7
T1
D1
T3
D3
T2
T4
T6
T5
D4
D2
D6
D5
21
22
7
6
4
5
16
15
18
17
20
19
11
10
23
24
14
8
9
12
13
Revision A 07.03.2001


Similar Part No. - L430

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L431 ETC1-L431 Datasheet
291Kb / 11P
2.5V Low-Voltage Adjustable Precision Shunt Regulator
L431L ETC2-L431L Datasheet
562Kb / 11P
1.24V Low-Voltage Adjustable Precision Shunt Regulator
L431LM3B ETC2-L431LM3B Datasheet
562Kb / 11P
1.24V Low-Voltage Adjustable Precision Shunt Regulator
L431LM5B ETC2-L431LM5B Datasheet
562Kb / 11P
1.24V Low-Voltage Adjustable Precision Shunt Regulator
L431LNB ETC2-L431LNB Datasheet
562Kb / 11P
1.24V Low-Voltage Adjustable Precision Shunt Regulator
More results

Similar Description - L430

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MUBW35-06A6K IXYS-MUBW35-06A6K Datasheet
124Kb / 4P
Converter - Brake - Inverter Module
MUBW50-06A8 IXYS-MUBW50-06A8 Datasheet
105Kb / 4P
Converter - Brake - Inverter Module (CBI3)
MUBW30-12A6 IXYS-MUBW30-12A6 Datasheet
290Kb / 8P
Converter - Brake - Inverter Module
MUBW50-12E8 IXYS-MUBW50-12E8 Datasheet
91Kb / 4P
Converter - Brake - Inverter Module
logo
Powersem GmbH
PSIPM30-06 POWERSEM-PSIPM30-06 Datasheet
729Kb / 4P
Converter - Brake - Inverter Module
PSIPM35-12 POWERSEM-PSIPM35-12 Datasheet
727Kb / 4P
Converter - Brake - Inverter Module
PSIPM50-06 POWERSEM-PSIPM50-06 Datasheet
735Kb / 4P
Converter - Brake - Inverter Module
PSIPM10006 POWERSEM-PSIPM10006 Datasheet
732Kb / 4P
Converter - Brake - Inverter Module
logo
IXYS Corporation
MUBW25-06A6 IXYS-MUBW25-06A6 Datasheet
213Kb / 8P
Converter - Brake - Inverter Module
MUBW100-06A8 IXYS-MUBW100-06A8 Datasheet
98Kb / 4P
Converter - Brake - Inverter Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com