Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFD3-V/24-L2-S-R Datasheet(PDF) 1 Page - Hongfa Technology

Part # HFD3-V/24-L2-S-R
Description  3kV dielectric strength
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFD3-V/24-L2-S-R Datasheet(HTML) 1 Page - Hongfa Technology

  HFD3-V/24-L2-S-R Datasheet HTML 1Page - Hongfa Technology HFD3-V/24-L2-S-R Datasheet HTML 2Page - Hongfa Technology HFD3-V/24-L2-S-R Datasheet HTML 3Page - Hongfa Technology HFD3-V/24-L2-S-R Datasheet HTML 4Page - Hongfa Technology HFD3-V/24-L2-S-R Datasheet HTML 5Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Tchaf_ mc^_ mn[\f_
7 ]icf f[n]bcha
866gX
7:6gX
;6L g[r4
Dihn[]n l[ncha
/S_m4 fi[^0
C_nq__h ij_h ]ihn[]nm
C_nq__h ]ihn[]n m_nm
Ec_f_]nlc]
mnl_hanb
Tbi]e
l_mcmn[h]_
IPOHGB SFMBZ
Dicf jiq_l
U_gj_l[nol_ lcm_
4JFVWTJU
;9
JTP?6672 JTP5UT7<?:? 2 JTP7:6672 PITBT7>6672 JFDR RD 6>6666 DFSUJGJFE
867< S_p4 7496
Ff_]nlc][f _h^ol[h]_ 80
Wc\l[ncih
l_mcmn[h]_
Goh]ncih[f
E_mnlo]ncp_
Tola_ qcnbmn[h^ pifn[a_
C_nq__h ij_h ]ihn[]nm/7657<6wm0
C_nq__h ]icf . ]ihn[]nm/7485;6wm0
Goh]ncih[f
E_mnlo]ncp_
Gcf_ Oi4@ F799:>7
C_nq__h ]icf . ]ihn[]nm
Gcf_ Oi4@ :667>><=
Gcf_ Oi4@DRD7:66876=:6?
7666N /[n ;66WED0
9666WBD 7gch
7;66WBD 7gch
7;66WBD 7gch
642-*B
8D
766g g[r4 /[n 76gB 96gWED0
BaOc 1 Bo jf[n_^
8B
8;6WBD 5 886WED
<84;WB 5 <6X
76gW 76wB 70
7r76=PQT
Dihn[]n [ll[ha_g_hn
Dihn[]n l_mcmn[h]_
Dihn[]n g[n_lc[f
N[r4 mqcn]bcha ]oll_hn
N[r4 mqcn]bcha pifn[a_
N[r4 mqcn]bcha jiq_l
Nch4 [jjfc][\f_ fi[^
N_]b[hc][f _h^ol[h]_
Jhmof[ncih l_mcmn[h]_
?A0:7;7/@A>3 ?75;/9 >39/E
1<;@/1@ 2/@/
16/>/1@3>7?@71?
1<79
`
`
`
`
`
`
`
`
`
?/43@E /==><B/9 >/@7;5?
A9+1A9
B23
64;B 78;WBD
8B 96WED
Pj_l[n_ ncg_ /T_n ncg_0
S_f_[m_ ncg_ /S_m_n ncg_0
Bg\c_hn n_gj_l[nol_
Iogc^cns
U_lgch[ncih
Vhcn q_cabn
Nicmnol_ m_hmcncpcns f_p_fm /Phfs `il
TNU nsj_2 KFEFD3TUE36860
Dihmnlo]ncih
<gm g[r4
<gm g[r4
3:6 ni >;
;- ni >;- SI
76It ni ;;It 949gg EB
76It ni ;;It ;46gg EB
=9;g5m
8
?>6g5m
8
EJQ2 TNU
Bjjlir4 8a
NTM39
Qf[mnc] m_[f_^
9eW ^c_f_]nlc] mnl_hanb /\_nq__h ]icf [h^ ]ihn[]nm0
Tola_ qcnbmn[h^ pifn[a_ oj ni <666WBD2
g__nm GDD Q[ln <> [h^ U_f_]il^c[
Nch4 ]l__j[a_ cm 84;gg /\_nq__h ]icf [h^ ]ihn[]n02
Nch4 ]f_[l[h]_ cm 846gg /\_nq__h ]icf [h^ ]ihn[]n0
N__nm FO<6?;6 5 FO:7669
TNU [h^ EJQ nsj_m [p[cf[\f_
Cc`ol][n_^ ]ihn[]nm
Tchaf_ mc^_ mn[\f_ [h^ f[n]bcha nsj_m [p[cf[\f_
Fhpclihg_hn[f `lc_h^fs jli^o]n /SiIT ]igjfc[hn0
Ponfch_ Ecg_hmcihm@ /7;46 r =4; r ?4:0 gg
84;eW
<eW
;RVJU. Ub_ ^[n[ mbiqh [\ip_ [l_ chcnc[f p[fo_m4
B
23
;RVJU. 70 Bff p[fo_m ohmj_]c`c_^ [l_ [n liig n_gj_l[nol_4
80 Phfs nsjc][f fi[^m [l_ fcmn_^ [\ip_4 Pnb_l fi[^ mj_]c`c][ncihm
][h \_ [p[cf[\f_ ojih l_ko_mn4
7r76;PQT /64;B 78;WBD2
S_mcmncp_ fi[^2 [n >;iD2 7m ih ?m i``0
8B 96WED [n >;
64;B 78;WBD [n >;
8B 96WED [n >;
64;B 78;WBD [n >;
;RVJU. 70 Nch4 [jjfc][\f_ fi[^ cm l_`_l_h]_ p[fo_4 Qf_[m_ j_l`ilg nb_
]ih`clg[ncih n_mn qcnb nb_ []no[f fi[^ \_`il_ jli^o]ncih mch]_
l_`_l_h]_ p[fo_ g[s ]b[ha_ []]il^cha ni mqcn]bcha `l_ko_h]c_m2
_hpclihg_hn[f ]ih^cncihm [h^ _rj_]n_^ ]ihn[]n l_mcmn[h]_ [h^
l_fc[\cfcns4
80 Ff_]nlc] _h^ol[h]_ ^[n[ [l_ ]iff_]n_^ ch ih_ j[cl DP ]ihn[]n n_mn4


Similar Part No. - HFD3-V/24-L2-S-R

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFD3-V/24-L1S1R HONGFA-HFD3-V/24-L1S1R Datasheet
281Kb / 5P
SUBMINIATURE SIGNAL RELAY
HFD3-V/24-L1SR HONGFA-HFD3-V/24-L1SR Datasheet
281Kb / 5P
SUBMINIATURE SIGNAL RELAY
More results

Similar Description - HFD3-V/24-L2-S-R

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
KBL400 BWTECH-KBL400_10 Datasheet
354Kb / 4P
High case dielectric strength
KBP200-KBP210 BWTECH-KBP200-KBP210 Datasheet
331Kb / 4P
High case dielectric strength
logo
American Zettler, Inc.
AZ733WC AZETTLER-AZ733WC Datasheet
237Kb / 2P
Dielectric strength 5000 Vrms
AZ888 AZETTLER-AZ888 Datasheet
1Mb / 4P
Dielectric strength 3000 Vrms
AZ7335 AZETTLER-AZ7335 Datasheet
1Mb / 3P
Dielectric strength 5000 Vrms
AZ7555 AZETTLER-AZ7555 Datasheet
945Kb / 3P
Dielectric strength 5000 Vrms
logo
HY ELECTRONIC CORP.
D6KB6L HY-D6KB6L Datasheet
52Kb / 2P
High case dielectric strength
logo
GeneSiC Semiconductor, ...
GBL04 GENESIC-GBL04 Datasheet
352Kb / 3P
High case dielectric strength
logo
List of Unclassifed Man...
BP-LMS-HD ETC2-BP-LMS-HD Datasheet
775Kb / 2P
Exceptional dielectric strength
logo
ZETTLER Electronics
AZ576 ZETTLER-AZ576 Datasheet
50Kb / 2P
Dielectric strength 5000 Vrms
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com