Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFD3-V/24-L2-S-R Datasheet(PDF) 4 Page - Hongfa Technology

Part # HFD3-V/24-L2-S-R
Description  3kV dielectric strength
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFD3-V/24-L2-S-R Datasheet(HTML) 4 Page - Hongfa Technology

  HFD3-V/24-L2-S-R Datasheet HTML 1Page - Hongfa Technology HFD3-V/24-L2-S-R Datasheet HTML 2Page - Hongfa Technology HFD3-V/24-L2-S-R Datasheet HTML 3Page - Hongfa Technology HFD3-V/24-L2-S-R Datasheet HTML 4Page - Hongfa Technology HFD3-V/24-L2-S-R Datasheet HTML 5Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
;RVJU. 70 Q[]echa@ :66j]m5l__f2 ; l__fm5][lnih4
80 NPR `il l__f j[]echa cm >66j]m4
Vhcn@ gg
@/=3 =/187;5
Dip_l n[j_
S__f
Fg\imm_^
][llc_l n[j_
Plc_hn[ncih g[le
G__^ ^cl_]ncih
S__f Ecg_hmcihm
8 649
79 648
93S7
87 64;
8?4: 7
8:4: 74<
Ecl_]ncih i` S_f[s Jhm_lncih
U[j_ Ecg_hmcihm /T nsj_@ Tn[h^[l^ TNU0
;<
[^b_mcp_ n[j_
Dip_l n[j_
[^b_mcp_ n[j_
G__^ ^cl_]ncih
^olcha ]omnig_l om[a_
[n f_[mn ; _gjns
l_f[s jimcncihm
Dip_l n[j_
:@7
[
G__^
^cl_]ncih
^olcha
]omnig_l
om[a_
[
[n f_[mn ; _gjns
l_f[s jimcncihm
B
B
C
C
74;
:
8
7<
8gch4
B3B
86
\
9
\
g[r4
76 648
C3C
64; 646;
9
\
g[r
/94;0
764?



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com