Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFD3-V/24-L2-S-R Datasheet(PDF) 2 Page - Hongfa Technology

Part # HFD3-V/24-L2-S-R
Description  3kV dielectric strength
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFD3-V/24-L2-S-R Datasheet(HTML) 2 Page - Hongfa Technology

  HFD3-V/24-L2-S-R Datasheet HTML 1Page - Hongfa Technology HFD3-V/24-L2-S-R Datasheet HTML 2Page - Hongfa Technology HFD3-V/24-L2-S-R Datasheet HTML 3Page - Hongfa Technology HFD3-V/24-L2-S-R Datasheet HTML 4Page - Hongfa Technology HFD3-V/24-L2-S-R Datasheet HTML 5Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
;RVJU. 70 Jh ][m_ ;W i` nl[hmcmnil ^lcp_ ]cl]ocn2 cn cm l_]igg_h^_^ ni om_ :4;W nsj_ l_f[s2 [h^ 9W ni om_ 84:W nsj_ l_f[s4
IGE93W574;
IGE93W584:
IGE93W59
IGE93W5:4;
IGE93W5;
IGE93W5<
IGE93W5?
IGE93W578
IGE93W58:
74;
84:
9
:4;
;
<
?
78
8:
7479
74>
848;
949>
94=;
:4;
<4=;
?
7>
647;
648:
649
64:;
64;
64<
64?
748
84:
7748 r/7 76-0
8>4> r /7 76-0
:; r/7 76-0
767 r/7 76-0
78; r/7 76-0
7>6 r/7 76-0
:6; r/7 76-0
=86 r/7 76-0
8>>6 r/7 76-0
848
94<
:4;
<4=
=4;
?
794;
7>
9<
866
866
866
866
866
866
866
866
866
IGE93W574;3M7
IGE93W584:3M7
IGE93W593M7
IGE93W5:4;3M7
IGE93W5;3M7
IGE93W5<3M7
IGE93W5?3M7
IGE93W5783M7
IGE93W58:3M7
74;
84:
9
:4;
;
<
?
78
8:
7479
74>
848;
949>
94=;
:4;
<4=;
?
7>
7479
74>
848;
949>
94=;
:4;
<4=;
?
7>
7<47 r/7 76-0
:7 r/7 76-0
<:49 r/7 76-0
7:; r/7 76-0
7=> r/7 76-0
8;= r/7 76-0
;=? r/7 76-0
768> r/7 76-0
:77: r/7 76-0
84=
:49
;4:
>47
?
764>
7<48
874<
:948
7:6
7:6
7:6
7:6
7:6
7:6
7:6
7:6
7:6
70
1<79 2/@/
?MQKOJ UMIJ UVFGOJ
Oigch[f
Wifn[a_
WED
Dicf
Di^_
Qc]e3oj
Wifn[a_
WED
g[r4
Elij3ion
Wifn[a_
WED
gch4
N[r4
Wifn[a_
WED
Dicf
S_mcmn[h]_
Oigch[f
Qiq_l
gX
, HRMO OFVHLMQK
[n 89
Oigch[f
Wifn[a_
WED
Dicf
Di^_
Qc]e3oj
Wifn[a_
WED
g[r4
Elij3ion
Wifn[a_
WED
g[r4
N[r4
Wifn[a_
WED
Dicf
S_mcmn[h]_
Oigch[f
Qiq_l
gX
1RMO XROVFKJ
74;2 84:2 92 :4;2 ;2 <2 ?2 782 8:WED
IGE93W 5
8:
3M7
?RTV
<>23>7;5 7;4<>:/@7<;
@YSJ
/YYY0
S
T
@JTPMQFO VYSJ
?. Tn[h^[l^ TNU
?,. Tbiln n_lgch[f TNU
;MO. EJQ
9,. 7 ]icf f[n]bcha
;MO. Tchaf_ mc^_ mn[\f_
>. U[j_ [h^ l__f j[]echa /Phfs `il TNU nsj_0
;MO. Uo\_ j[]echa/Phfs `il EJQ nsj_0
=FHNMQK UVYOJ
;RVJU.
;:
?SJHMFO HRIJ80
DDD. Domnig_l mj_]c[f l_kocl_g_hn
;MO. Tn[h^[l^
80 Ub_ ]omnig_l mj_]c[f l_kocl_g_hn _rjl_mm [m mj_]c[f ]i^_ [`n_l _p[fo[ncha \s Iiha`[4
70 S nsj_ /n[j_ [h^ l__f0 j[]echa cm gicmnol_3jlii` qbc]b g__nm l_kocl_g_hn i` NTM394 Qf_[m_ ]biim_ S nsj_ j[]echa `il TNU jli^o]nm4
Gil S nsj_2 nb_ f_nn_l ,S, qcff ihfs \_ jlchn_^ ih j[]echa n[a \on hin ih l_f[s ]ip_l4 Uo\_ j[]echa cm hilg[ffs hin [p[cf[\f_ `il TNU
jli^o]nm ohf_mm mj_]c[ffs l_ko_mn_^ \s ]omnig_l4 Con jf_[m_ hin_ nb[n no\_ j[]echa cm hin gicmnol_3jlii` mi jf_[m_ \[e_ nb_ jli^o]nm
\_`il_ om_ []]il^cha ni ^_m]lcjncih i` Oinc]_ 76 b_l_qcnb4 Jh [^^cncih2 no\_ j[]e[acha qcff \_ [^ijn_^ qb_h nb_ il^_lcha ko[hncns i` S
nsj_ cm _ko[f ni il f_mm nb[h 766 jc_]_m ohf_mm inb_lqcm_ mj_]c`c_^4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com