Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA3632G-P14-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # PA3632G-P14-R
Description  Stereo Direct Audio Line driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA3632G-P14-R Datasheet(HTML) 4 Page - Unisonic Technologies

  PA3632G-P14-R Datasheet HTML 1Page - Unisonic Technologies PA3632G-P14-R Datasheet HTML 2Page - Unisonic Technologies PA3632G-P14-R Datasheet HTML 3Page - Unisonic Technologies PA3632G-P14-R Datasheet HTML 4Page - Unisonic Technologies PA3632G-P14-R Datasheet HTML 5Page - Unisonic Technologies PA3632G-P14-R Datasheet HTML 6Page - Unisonic Technologies PA3632G-P14-R Datasheet HTML 7Page - Unisonic Technologies PA3632G-P14-R Datasheet HTML 8Page - Unisonic Technologies PA3632G-P14-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
PA3632
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 9
www.unisonic.com.tw
QW-R107-071.b
ABSOLUTE MAXIMUM RATING (over operating free-air temperature range, unless otherwise noted)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply voltage, VDD to GND
-0.3~4
V
Input Voltage
VI
VSS-0.3 ~ VDD+0.3
V
Minimum Load Impedance-Line Outputs-OUTL, OUTR
RL
600
Mute to GND, UVP to GND
-0.3 ~ VDD+0.3
V
Maximum Operating Junction Temperature Range
TJ
-40 ~ +150
°C
Storage Temperature Range
TSTG
-40 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL INFORMATION
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
130
°C/W
Junction to Case
θJC
49
°C/W
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Supply
VDD
DC supply voltage
3
3.3
3.6
V
Load Impedance
RL
0.6
10
kΩ
Low-Level Input Voltage
VIL
Mute
40
%VDD
High-Level Input Voltage
VIH
Mute
60
%VDD
Ambient Temperature
TA
-40
25
85
°C
ELECTRICAL CHARACTERISTICS (TA=25°C, Charge pump: CP=1µF, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Offset Voltage
|VOS|
VDD=3.3V
0.5
1
mV
Power-Supply Rejection Ratio
PSRR
80
dB
High-Level Output Voltage
VOH
VDD=3.3V
3.1
V
Low-Level Output Voltage
VOL
VDD=3.3V
-3.05
V
External UVP Detect Voltage
VUVP_EX
1.25
V
External UVP Detect Hysteresis
Current
VUVP_EX_HYSTE
RESIS
5
µA
Charge-Pump Switching Frequency
fCP
200
300
400
kHz
High-Level Input Current, Mute
|IIH|
VDD=3.3V, VIH=VDD
1
µA
Low-Level Input Current, Mute
|IIL|
VDD=3.3V, VIL=0V
1
µA
IDD
VDD=3.3V, no load, Mute =VDD,
no load
5
14
25
mA
Supply Current
VDD=3.3V, no load, Mute =GND,
disabled
14
mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com