Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA3632G-P14-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # PA3632G-P14-R
Description  Stereo Direct Audio Line driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA3632G-P14-R Datasheet(HTML) 8 Page - Unisonic Technologies

  PA3632G-P14-R Datasheet HTML 1Page - Unisonic Technologies PA3632G-P14-R Datasheet HTML 2Page - Unisonic Technologies PA3632G-P14-R Datasheet HTML 3Page - Unisonic Technologies PA3632G-P14-R Datasheet HTML 4Page - Unisonic Technologies PA3632G-P14-R Datasheet HTML 5Page - Unisonic Technologies PA3632G-P14-R Datasheet HTML 6Page - Unisonic Technologies PA3632G-P14-R Datasheet HTML 7Page - Unisonic Technologies PA3632G-P14-R Datasheet HTML 8Page - Unisonic Technologies PA3632G-P14-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
PA3632
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
8 of 9
www.unisonic.com.tw
QW-R107-071.b
APPLICATION INFORMATION (Cont.)
CHARGE-PUMP FLYING CAPACITOR AND PVSS CAPACITOR
The charge-pump flying capacitor serves to transfer charge during the generation of the negative supply voltage.
The PVSS capacitor must be at least equal to the charge-pump capacitor in order to allow maximum charge transfer.
Low-ESR capacitors are an ideal selection, and a value of 1μF is typical. Capacitor values that are smaller than 1μF
can be used, but the maximum output voltage may be reduced and the device may not operate to specifications. If
the UTC PA3632 is used in highly noise-sensitive circuits, it is recommended to add a small LC filter on the VDD
connection.
DECOUPLING CAPACITORS
The UTC PA3632 is a DirectPath line-driver amplifier that requires adequate power supply decoupling to ensure
that the noise and total harmonic distortion (THD) are low. A good, low equivalent-series-resistance (ESR) ceramic
capacitor, typically 1μF, placed as close as possible to the device VDD lead works best. Placing this decoupling
capacitor close to the UTC PA3632 is important for the performance of the amplifier. For filtering lower-frequency
noise signals, a 10-μF or greater capacitor placed near the audio power amplifier would also help, but it is not
required in most applications because of the high PSRR of this device.
USING THE UTC PA3632 AS A SECOND-ORDER FILTER
Several audio DACs used today require an external low-pass filter to remove out-of-band noise. This is possible
with the UTC PA3632, as it can be used like a standard operational amplifier. Several filter topologies can be
implemented, both single-ended and differential. In Figure 2, multi-feedback (MFB) with differential input and
single-ended input are shown.
An ac-coupling capacitor to remove dc content from the source is shown; it serves to block any dc content from the
source and lowers the dc gain to 1, helping to reduce the output dc offset to a minimum.
The resistor values should have a low value for obtaining low noise, but should also have a high enough value to
get a small-size ac-coupling capacitor. With the proposed values of R1=15kΩ, R2=30kΩ, and R3=43kΩ, a dynamic
range (DYR) of 106dB can be achieved with a 1-μF input ac-coupling capacitor.
GAIN-SETTING RESISTORS
The gain-setting resistors, RIN and Rfb, respectively, to minimize capacitive loading on these input pins and to
ensure maximum stability of the UTC PA3632.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com