Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA3632G-P14-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # PA3632G-P14-R
Description  Stereo Direct Audio Line driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA3632G-P14-R Datasheet(HTML) 1 Page - Unisonic Technologies

  PA3632G-P14-R Datasheet HTML 1Page - Unisonic Technologies PA3632G-P14-R Datasheet HTML 2Page - Unisonic Technologies PA3632G-P14-R Datasheet HTML 3Page - Unisonic Technologies PA3632G-P14-R Datasheet HTML 4Page - Unisonic Technologies PA3632G-P14-R Datasheet HTML 5Page - Unisonic Technologies PA3632G-P14-R Datasheet HTML 6Page - Unisonic Technologies PA3632G-P14-R Datasheet HTML 7Page - Unisonic Technologies PA3632G-P14-R Datasheet HTML 8Page - Unisonic Technologies PA3632G-P14-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
PA3632
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 9
Copyright © 2016 Unisonic Technologies Co., Ltd
QW-R107-071.b
DIRECT 2-VRMS AUDIO LINE
DRIVER WITH ADJUSTABLE
GAIN
DESCRIPTION
The UTC PA3632 is a pop-free stereo line driver with the integrated
charge pump generating the negative supply rail which allows the
removal of the output DC-blocking capacitors. The UTC PA3632
provides a clean, pop-free ground-biased audio signal. The UTC
PA3632
is capable of driving 2VRMS into a 10kΩ load with 3.3V supply
voltage. The device has differential inputs and uses external resistors
for flexible gain setting. Gain can be configured individually for each
channel.
The UTC PA3632 has built-in active-mute control for pop-free audio
on/off control. The UTC PA3632 has an external under-voltage detector
that mutes the output when monitored voltage drop below set value.
The device has differential inputs and uses external gain-setting
resistors to support a gain range of ±1V/V to ±10V/V, and gain can be
configured individually for each channel. Line outputs have ±8-Kv
(HBM) IEC ESD protection, requiring just a simple resistor-capacitor
ESD protection circuit.
Using the UTC PA3632 in audio products can reduce component
count considerably compared to traditional headphone amplifiers.
FEATURES
* Low THD+N<0.01% at 2Vrms Into 10kΩ
* Stereo Direct Audio Line driver
2Vrms Into 10KΩ With 3.3V Supply
* Integrated Charge Pump Generates Negative Supply Rail
* High SNR, >90dB
* Ground-Referenced Outputs Eliminate DC-Blocking
Capacitors
* Differential Input and Single-Ended Output
* Adjustable Gain by External Gain-Setting Resistors
* Pop-Free Under-Voltage Protection
* Short-Circuit Protection
* Click- and Pop-Reduction Circuitry
* Active Mute Control for Pop-Free Audio On/Off
Control
ORDERING INFORMATION
Ordering Number
Package
Packing
PA3632G-P14-R
TSSOP-14
Tape Reel


Similar Part No. - PA3632G-P14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA3632G-P14-R UTC-PA3632G-P14-R Datasheet
205Kb / 9P
DIRECT 2-VRMS AUDIO LINE DRIVER WITH ADJUSTABLE GAIN
More results

Similar Description - PA3632G-P14-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZXCW8100 ETC-ZXCW8100 Datasheet
451Kb / 24P
32 BIT STEREO DIRECT DRIVE DIGITAL AUDIO AMPLIFIER
logo
Zetex Semiconductors
ZXCW6100S28 ZETEX-ZXCW6100S28 Datasheet
446Kb / 21P
24 BIT STEREO DIRECT DRIVE DIGITAL AUDIO AMPLIFIER
ZXCW8100S28 ZETEX-ZXCW8100S28 Datasheet
481Kb / 21P
32 BIT STEREO DIRECT DRIVE DIGITAL AUDIO AMPLIFIER
logo
Micro Analog systems
MAS9560 MAS-MAS9560 Datasheet
360Kb / 25P
Stereo Audio Driver DAC
logo
Texas Instruments
DRV600 TI-DRV600 Datasheet
600Kb / 16P
DIRECTPATH??STEREO LINE DRIVER
logo
Zetex Semiconductors
ZXCW6100S28 ZETEX-ZXCW6100S28_04 Datasheet
424Kb / 24P
24 BIT STEREO DIRECT DRIVE DIGITAL AUDIO AMPLIFIER
logo
STMicroelectronics
TS4604 STMICROELECTRONICS-TS4604 Datasheet
650Kb / 31P
Stereo headset driver and analog audio line driver with integrated reference to ground
27-Oct-2010
AN3001 STMICROELECTRONICS-AN3001 Datasheet
476Kb / 12P
TS4657 single supply stereo digital audio line driver
03-Jul-2009
logo
Texas Instruments
DRV600 TI-DRV600_15 Datasheet
679Kb / 17P
DIRECTPATH??STEREO LINE DRIVER
logo
Unisonic Technologies
PA3632 UTC-PA3632 Datasheet
205Kb / 9P
DIRECT 2-VRMS AUDIO LINE DRIVER WITH ADJUSTABLE GAIN
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com