Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4604 Datasheet (PDF) - STMicroelectronics

TS4604 Datasheet PDF - STMicroelectronics
Part # TS4604
Download  TS4604 Download
File Size   650.05 Kbytes
Page   31 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Stereo headset driver and analog audio line driver with integrated reference to ground

TS4604 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS4604 Datasheet PDF - STMicroelectronics

Part # TS4604
Download  TS4604 Click to download

File Size   650.05 Kbytes
Page   31 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Stereo headset driver and analog audio line driver with integrated reference to ground

TS4604 Datasheet (HTML) - STMicroelectronics


TS4604 Product details

Description
The TS4604 is a stereo ground-referenced output analog line driver and stereo headset driver whose design allows the output DC-blocking capacitors to be removed, thus reducing component count. The TS4604 drives 2 Vrms into a 5 kΩ load or more. The device has differential inputs and uses external gain setting resistors.

Features
■ Operating from VCC = 3 V up to 4.8 V single supply operation
■ Line driver stereo differential inputs
■ External gain setting resistors
■ Space-saving package: TSSOP28 pitch 0.65 mm
■ Dedicated shutdown control per function
■ 100 mW headset drive into a 16 Ω load
■ 90 dB high PSRR on headset drive
■ Two internal negative supplies to ensure ground-referenced, headset and line driver capless outputs
■ Internal undervoltage mute
■ Line driver 2 Vrms typ. Output voltage across entire supply voltage range
■ Pop-&-click reduction circuitry, thermal shutdown and output short-circuit protection

Applications
■ PDP/LCD TV
■ Set-top boxes




Similar Part No. - TS4604

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4601 STMICROELECTRONICS-TS4601 Datasheet
602Kb / 28P
High performance stereo headphone amplifier with capacitorless outputs and I2C bus interface
20-Feb-2008
TS4601B STMICROELECTRONICS-TS4601B Datasheet
637Kb / 28P
High performance stereo headphone amplifier with capacitorless outputs and I2C bus interface
08-Jul-2008
TS4601BEIJT STMICROELECTRONICS-TS4601BEIJT Datasheet
637Kb / 28P
High performance stereo headphone amplifier with capacitorless outputs and I2C bus interface
08-Jul-2008
TS4601EIJT STMICROELECTRONICS-TS4601EIJT Datasheet
602Kb / 28P
High performance stereo headphone amplifier with capacitorless outputs and I2C bus interface
20-Feb-2008
More results


Similar Description - TS4604

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
AD8258A ESMT-AD8258A Datasheet
208Kb / 3P
Stereo/Mono Digital Audio Amplifier with Headphone Driver and SubWoofer Line-Out
logo
National Semiconductor ...
LM49150 NSC-LM49150 Datasheet
782Kb / 28P
Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
logo
MOSA ELECTRONICS
MS6334 MOSA-MS6334_1 Datasheet
802Kb / 20P
16bits Stereo Audio DAC Integrated Headphone Driver with Volume Control
logo
Wolfson Microelectronic...
WM8758B WOLFSON-WM8758B Datasheet
1Mb / 90P
Stereo CODEC with Headphone Driver and Line Out
logo
Texas Instruments
LM49150 TI1-LM49150_14 Datasheet
1Mb / 31P
Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
logo
Global Mixed-mode Techn...
G1412 GMT-G1412 Datasheet
84Kb / 1P
Ground-Reference Popless Stereo Headphone Driver
logo
Wolfson Microelectronic...
WM8758 WOLFSON-WM8758 Datasheet
1Mb / 90P
Stereo CODEC with Headphone Driver and Line Out
logo
Texas Instruments
LM49150 TI1-LM49150 Datasheet
1Mb / 31P
Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
logo
Unisonic Technologies
PA3632G-P14-R UTC-PA3632G-P14-R Datasheet
230Kb / 9P
Stereo Direct Audio Line driver
logo
C-Media Electronics
CM6400X1 CMEDIA-CM6400X1 Datasheet
1Mb / 43P
USB Surround Headset Solution with Xear??Gaming Audio Driver
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com