Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4604 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TS4604
Description  Stereo headset driver and analog audio line driver with integrated reference to ground
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4604 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TS4604 Datasheet HTML 6Page - STMicroelectronics TS4604 Datasheet HTML 7Page - STMicroelectronics TS4604 Datasheet HTML 8Page - STMicroelectronics TS4604 Datasheet HTML 9Page - STMicroelectronics TS4604 Datasheet HTML 10Page - STMicroelectronics TS4604 Datasheet HTML 11Page - STMicroelectronics TS4604 Datasheet HTML 12Page - STMicroelectronics TS4604 Datasheet HTML 13Page - STMicroelectronics TS4604 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
Characteristics of the line driver
TS4604
10/31
Doc ID 17913 Rev 1
Figure 8.
CMRR vs. frequency
Figure 9.
PSRR vs. frequency
100
1000
10000
-80
-70
-60
-50
-40
-30
-20
-10
0
G=0dB
20k
20
G=20dB
ΔVic = 200mVpp
Vcc = 3.3V
RL
≥ 5kΩ
Tamb = 25
°C
Frequency (Hz)
100
1000
10000
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
G=0dB
G=20dB
20k
20
Vripple = 200mVpp
Vcc = 3.3V
Inputs = grounded
RL
≥ 5kΩ
Tamb = 25
°C
Frequency (Hz)
Figure 10.
Crosstalk vs. frequency
left to right & right to left channel
Figure 11.
Crosstalk vs. frequency
headset to line driver
100
1000
10000
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
G=0dB
20k
20
G=20dB
Vcc = 3.3V
Vout = 2Vrms
Right to Left & Left to Right
RL
≥ 5kΩ
Tamb = 25
°C
Frequency (Hz)
100
1000
10000
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
HP to Line Right
HP to Line Left
20k
20
Vcc = 3.3V, G=0dB
RL = 16
Ω on HP
Po = 50 mW on HP
LD inputs grounded
Tamb = 25
°C
Frequency (Hz)
Figure 12.
Output signal spectrum
Figure 13.
Frequency response
100
1000
10000
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
Vcc = 3.3V, G=0dB
RL=10k
Ω
Tamb = 25
°C
Frequency (Hz)
1000
10000
100000
1000000
1E7
-80
-70
-60
-50
-40
-30
-20
-10
0
10
Vcc = 3.3V, G=0dB
No load
Tamb = 25
°C
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com