Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4604 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TS4604
Description  Stereo headset driver and analog audio line driver with integrated reference to ground
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4604 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TS4604 Datasheet HTML 3Page - STMicroelectronics TS4604 Datasheet HTML 4Page - STMicroelectronics TS4604 Datasheet HTML 5Page - STMicroelectronics TS4604 Datasheet HTML 6Page - STMicroelectronics TS4604 Datasheet HTML 7Page - STMicroelectronics TS4604 Datasheet HTML 8Page - STMicroelectronics TS4604 Datasheet HTML 9Page - STMicroelectronics TS4604 Datasheet HTML 10Page - STMicroelectronics TS4604 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
TS4604
Electrical characteristics
Doc ID 17913 Rev 1
7/31
Table 5.
Headset driver part: VCC = +3.3 V, GND = 0 V,
ENHP = VCC, ENLD = GND, CPhp = CPld = 1 µF, Av = 1 (R1 = R2 = 10 kΩ),
Tamb = 25°C (unless otherwise specified)
Symbol
Parameters and test conditions
Min.
Typ.
Max.
Unit
Icc
Supply current (no input signal, no load)
5
6.5
mA
IENHP
Headset overall standby current (no input signal):
VENHP = GND
VENHP = 38% VCC
1
5
100
µA
Vio
Input offset voltage
-7
0
7
mV
Po
Headphone output power:
THD + N = 1% max, f = 1 kHz, BW = 22 kHz, RL = 16 Ω
45
65
mW
Po
Headphone output power:
THD + N = 1% max, f = 1 kHz, BW = 22 kHz, RL = 32 Ω
30
45
mW
THD + N
Total harmonic distortion + noise:
RL = 16 Ω, Po = 60 mW, f = 20 Hz to 20 kHz, BW = 22 kHz
0.05
%
PSRR
Headphone power supply rejection ratio with AC inputs
grounded: f = 217 Hz,Vripple = 200 mVpp
90
dB
tWU
Total wake-up time
30
ms
tSTBY
Standby time
20
µs
Xtalk
Crosstalk headphone to line:
Pout = 50 mW, RL = 16 Ω, f = 20 Hz to 20 kHz
-100
dB
SNR
Signal-to-noise ratio (A-weighting): RL = 16 Ω, Po = 60 mW
102
dB
CMRR
Common-mode rejection ratio:
f = 20 Hz to 20 kHz, Vic = 200 mVpp
-70
dB
VN
Output voltage noise: f = 20 Hz to 20 kHz, A-weighted
7.6
µVRMS
CL(1)
Capacitive load:
RL = 16 Ω to 100 Ω
RL > 100 Ω
400
100
pF
1.
Higher capacitive loads are possible by adding a serial resistor of 47
Ωin the line driver output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com