Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4604 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS4604
Description  Stereo headset driver and analog audio line driver with integrated reference to ground
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4604 Datasheet(HTML) 4 Page - STMicroelectronics

  TS4604 Datasheet HTML 1Page - STMicroelectronics TS4604 Datasheet HTML 2Page - STMicroelectronics TS4604 Datasheet HTML 3Page - STMicroelectronics TS4604 Datasheet HTML 4Page - STMicroelectronics TS4604 Datasheet HTML 5Page - STMicroelectronics TS4604 Datasheet HTML 6Page - STMicroelectronics TS4604 Datasheet HTML 7Page - STMicroelectronics TS4604 Datasheet HTML 8Page - STMicroelectronics TS4604 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
Typical application
TS4604
4/31
Doc ID 17913 Rev 1
2
Typical application
Figure 1.
Simplified application schematics in differential configuration setting
R1
R1
R2
R2
R2
1 µF
1 µF
R1
R1
R2
R1
R1
R2
R2
R1
R1
R2
R2
1 µF
1 µF
3 to 4.8 V
3 to 4.8 V
>5 K
Ω
>5 K
Ω
16/3 2
Ω
16/3 2
Ω
-LDR
+LDR
-LDL
+LDL
-HPR
+HPR
-HPL
+HPL
AGND
AGND
PVCCHP
PVSSHP
PGND
CPHP
CNHP
CPLD
CNLD
PVSSLD
PGND
PVCCLD
ENLD
ENHP
EUVP
OUTHPL
OUTHPR
OUTLDL
OUTLDR
R1= 10 k
Ω, R2 = Av x R1
with R2
≤ 100 k
TS4604
Negative
charged pump
headset
Negative
charged pump
line driver
Power
management
Thermal shutdown
UVLO
AM06138
1 µF
1 µF
2.2 µF
2.2 µF
2.2 µF
2.2 µF
2.2 µF
2.2 µF
2.2 µF
2.2 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com