Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4604 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TS4604
Description  Stereo headset driver and analog audio line driver with integrated reference to ground
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4604 Datasheet(HTML) 5 Page - STMicroelectronics

  TS4604 Datasheet HTML 1Page - STMicroelectronics TS4604 Datasheet HTML 2Page - STMicroelectronics TS4604 Datasheet HTML 3Page - STMicroelectronics TS4604 Datasheet HTML 4Page - STMicroelectronics TS4604 Datasheet HTML 5Page - STMicroelectronics TS4604 Datasheet HTML 6Page - STMicroelectronics TS4604 Datasheet HTML 7Page - STMicroelectronics TS4604 Datasheet HTML 8Page - STMicroelectronics TS4604 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
TS4604
Typical application
Doc ID 17913 Rev 1
5/31
Table 3.
Pin descriptions
Pin number
I/O(1)
Pin name
Pin description
1
I
+LDL
Left line driver positive input channel
2
I
-LDL
Left line driver negative input channel
3
O
OUTLDL
Left line driver output channel
4
P
AGND
Analog line driver power ground
5
I
ENLD
Line driver enable input pin (active high)
6
O
PVSSLD
Output from line drive charge pump
7
I/O
CNLD
Line driver charge pump flying capacitor negative terminal
8
I/O
CNHP
Headset charge pump flying capacitor negative terminal
9
I/O
PVSSHP
Output from headset drive charge pump
10
I
ENHP
Headset driver enable input pin (active high)
11
P
AGND
Headphone analog input power ground
12
O
OUTHPL
Left headset driver output channel
13
I
-HPL
Left headset driver negative input channel
14
I
+HPL
Left headset driver positive input channel
15
I
+HPR
Right headset driver positive input channel
16
I
-HPR
Right headset driver negative input channel
17
O
OUTHPR
Right headset driver output channel
18
NC
Not connected
19
P
PGND
Headset driver power ground
20
P
PVCCHP
Headset driver power supply voltage(2)
21
I/O
CPHP
Headset charge pump flying capacitor positive terminal
22
I/O
CPLD
Line driver charge pump flying capacitor positive terminal
23
P
PVCCLD
Line driver power supply voltage(2)
24
P
PGND
Line driver power ground
25
I
EUVP
External undervoltage protection input pin
26
O
OUTLDR
Right line driver output channel
27
I
-LDR
Right line driver negative input channel
28
I
+LDR
Right line driver positive input channel
1.
I = input, O = output, P = power
2.
PVccHP and PVccLD are internally connected, so PVccHP must be equal to PVccLD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com