Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4604 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TS4604
Description  Stereo headset driver and analog audio line driver with integrated reference to ground
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4604 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TS4604 Datasheet HTML 8Page - STMicroelectronics TS4604 Datasheet HTML 9Page - STMicroelectronics TS4604 Datasheet HTML 10Page - STMicroelectronics TS4604 Datasheet HTML 11Page - STMicroelectronics TS4604 Datasheet HTML 12Page - STMicroelectronics TS4604 Datasheet HTML 13Page - STMicroelectronics TS4604 Datasheet HTML 14Page - STMicroelectronics TS4604 Datasheet HTML 15Page - STMicroelectronics TS4604 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
Characteristics of the headset driver
TS4604
12/31
Doc ID 17913 Rev 1
Figure 18.
Output power vs. power supply
(RL = 32 Ω, G = 0 dB)
Figure 19.
Output power vs. power supply
(RL = 32 Ω, G = 20 dB)
3.0 3.1 3.2 3.33.4 3.5 3.6 3.7 3.83.9 4.0 4.1 4.2 4.3 4.4 4.5 4.6 4.7 4.8
0
20
40
60
80
100
120
140
160
180
THD+N=1%
THD+N=10%
RL = 32
Ω, F=1kHz
G=0dB, 0° & 180°
BW<30kHz, Ta=25 C
Headset Driver
Power Supply Voltage Vcc (V)
3.0 3.1 3.2 3.33.4 3.5 3.6 3.7 3.83.9 4.0 4.1 4.2 4.3 4.4 4.5 4.6 4.7 4.8
0
20
40
60
80
100
120
140
160
180
THD+N=1%
THD+N=10%
RL = 32
Ω, F=1kHz
G=20dB, 0° & 180°
BW<30kHz, Ta=25 C
Headset Driver
Power Supply Voltage Vcc (V)
Figure 20.
THD+N vs. output power
(RL = 16 Ω, G = 20 dB, VCC = 3.0 V
inputs in-phase)
Figure 21.
THD+N vs. output power
(RL = 16 Ω, G = 0 dB, VCC = 3.0 V
inputs in-phase)
0.1
1
10
100
1E-3
0.01
0.1
1
10
F=80Hz
F=1kHz
F=8kHz
RL = 16
Ω
Vcc = 3.0V, G = 20dB
Inputs = 0
°
BW < 30kHz, Tamb = 25
°C
Output Power (mW)
0.1
1
10
100
1E-3
0.01
0.1
1
10
F=80Hz
F=1kHz
F=8kHz
RL = 16
Ω
Vcc = 3.0V, G = 0dB
Inputs = 0
°
BW < 30kHz, Tamb = 25
°C
Output Power (mW)
Figure 22.
THD+N vs. output power
(RL = 16 Ω, G = 0 dB, VCC = 3.3 V
inputs out-of-phase)
Figure 23.
THD+N vs. output power
(RL = 16 Ω, G = 20 dB, VCC = 3.3 V
inputs in-phase)
0.1
1
10
100
1E-3
0.01
0.1
1
10
F=80Hz
F=1kHz
F=8kHz
RL = 16
Ω
Vcc = 3.0V, G = 0dB
Inputs = 180
°
BW < 30kHz, Tamb = 25
°C
Output Power (mW)
0.1
1
10
100
1E-3
0.01
0.1
1
10
F=80Hz
F=1kHz
F=8kHz
RL = 16
Ω
Vcc = 3.3V, G = 20dB
Inputs = 0
°
BW < 30kHz, Tamb = 25
°C
Output Power (mW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com