Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4604 Datasheet(PDF) 26 Page - STMicroelectronics

Part # TS4604
Description  Stereo headset driver and analog audio line driver with integrated reference to ground
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4604 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button TS4604 Datasheet HTML 22Page - STMicroelectronics TS4604 Datasheet HTML 23Page - STMicroelectronics TS4604 Datasheet HTML 24Page - STMicroelectronics TS4604 Datasheet HTML 25Page - STMicroelectronics TS4604 Datasheet HTML 26Page - STMicroelectronics TS4604 Datasheet HTML 27Page - STMicroelectronics TS4604 Datasheet HTML 28Page - STMicroelectronics TS4604 Datasheet HTML 29Page - STMicroelectronics TS4604 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
Application information
TS4604
26/31
Doc ID 17913 Rev 1
With a gain set at G = 0 dB, a Rin = 10 k
Ω and Cin = 2.2 µF, to charge Cin to 95% of its final
value, 66 ms are necessary.
Wake-up time of the TS4604
The TS4604 needs 30 ms to become fully operational (see Table 5 and Table 6).
The total startup sequence with the settings described being 66 ms, and since the TS4604
needs 30 ms to wake up, the Enable pin for the line driver and/or headphone can be set high
36 ms after the power supply has reached its normal value (Figure 55).
With a lower input capacitance, the startup phase is quicker.
Figure 55.
Power-up/down sequence
6.13
Layout recommendations
Particular attention must be given to the correct layout of the PCB traces and wires between
the amplifier, load and power supply.
The power and ground traces are critical since they must provide adequate energy and
grounding for all circuits. Good practice is to use short and wide PCB traces to minimize
voltage drops and parasitic inductance.
Proper grounding guidelines help improve audio performances, minimize crosstalk between
channels, and prevent switching noise from coupling into the audio signal. It is also
recommended to use a large-area and multi-via ground plane to minimize parasitic
impedance.
Connect all the VCC tracks (PVCCLD and PVCCHP) to one point one the board.
The copper traces that connect the output pins to the load and supply pins should be as
wide as possible to minimize the trace resistances.
The gain setting resistors must be placed as close as possible to the input in order to
minimize the parasitic capacitors on these inputs pins.
Supply
EN_xx
36 ms
Vout
30 ms
Supply ramp
66 ms
AM06148



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com