Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4604 Datasheet(PDF) 19 Page - STMicroelectronics

Part # TS4604
Description  Stereo headset driver and analog audio line driver with integrated reference to ground
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4604 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TS4604 Datasheet HTML 15Page - STMicroelectronics TS4604 Datasheet HTML 16Page - STMicroelectronics TS4604 Datasheet HTML 17Page - STMicroelectronics TS4604 Datasheet HTML 18Page - STMicroelectronics TS4604 Datasheet HTML 19Page - STMicroelectronics TS4604 Datasheet HTML 20Page - STMicroelectronics TS4604 Datasheet HTML 21Page - STMicroelectronics TS4604 Datasheet HTML 22Page - STMicroelectronics TS4604 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
TS4604
Application information
Doc ID 17913 Rev 1
19/31
These capacitors must be placed as close as possible to the TS4604 to minimize parasitic
inductance and resistance that have a negative impact on the audio performance.
6.5
Input coupling capacitor (Cin)
An input coupling capacitor (Cin) might be used for TS4604 operation to block any DC
component of the audio signal.
Cin starts to have an effect in the low frequency region. Cin forms with Rin a high-pass filter
with a -3 dB cut-off frequency.
Example
A differential input gain as shown in Figure 46 on page 20 with the gain equalling 0 dB
(Rin = 10 k
Ω, Rfd = 10 kΩ) and an input capacitor of 2.2 µF gives:
The high-pass filter has a -3 dB cut-off frequency at 7.2 Hz in this case.
6.6
Range of the gain setting resistors
The TS4604 can be use in different configurations, as shown in figures 46, 47 and 48.
The gain is given by the external resistors Rfd divided by Rin. The feedback resistor Rfd
does not exceed 100 k
Ω for closed-loop stability reasons.
Table 7 gives the recommended resistor values and the gain for different types of
application.
Fc
3dB
–
()
1
2.
π Rin Cin
⋅⋅
------------------------------------------ Hz
()
=
Fc
1
2.
π 10000 2.2e10
6
–
⋅⋅
----------------------------------------------------------------
7.2Hz
==
Table 7.
Recommended resistors values
Rin
Rfd
Differential gain
Inverting gain
Non-inverting gain
10 k
Ω
10 k
Ω
0 dB
0 dB
6 dB
10 k
Ω
20 k
Ω
6 dB
6 dB
10 dB
10 k
Ω
50 k
Ω
14 dB
14 dB
16 dB
4.7 k
Ω
47 k
Ω
20 dB
20 dB
21 dB
10 k
Ω
100 k
Ω
20 dB
20 dB
21 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com