Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4604 Datasheet(PDF) 22 Page - STMicroelectronics

Part # TS4604
Description  Stereo headset driver and analog audio line driver with integrated reference to ground
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4604 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TS4604 Datasheet HTML 18Page - STMicroelectronics TS4604 Datasheet HTML 19Page - STMicroelectronics TS4604 Datasheet HTML 20Page - STMicroelectronics TS4604 Datasheet HTML 21Page - STMicroelectronics TS4604 Datasheet HTML 22Page - STMicroelectronics TS4604 Datasheet HTML 23Page - STMicroelectronics TS4604 Datasheet HTML 24Page - STMicroelectronics TS4604 Datasheet HTML 25Page - STMicroelectronics TS4604 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
Application information
TS4604
22/31
Doc ID 17913 Rev 1
For example, to obtain Vuvp = 3.3 V with a hysteresis of 200 mV:
R1 = 1 k
Ω
R2 = 1.6 k
Ω
R3 = 15 k
Ω
Figure 49.
External UVLO
Figure 50.
Hysteresis of the external UVLO
When the external sense voltage (ESV) increases, the TS4604 stays in standby mode until
the EUVP pin reaches 1.25 V (voltage across the divider R1, R2). At this point, the TS4604
starts, as does the internal 5 µA current source connected to the EUVP pin. Thanks to this
5 µA current, a voltage drop is created across the R3 resistor.
15 k
R3
1.6 k
R2
1 k
R1
Precision
band gap
1.25 V
+
5 µA
TS4604
-
External sense voltage
Vcc
AM06143
Icc
External sense
voltage
VHyst
Vuvp
AM06144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com