Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4604 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TS4604
Description  Stereo headset driver and analog audio line driver with integrated reference to ground
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4604 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TS4604 Datasheet HTML 11Page - STMicroelectronics TS4604 Datasheet HTML 12Page - STMicroelectronics TS4604 Datasheet HTML 13Page - STMicroelectronics TS4604 Datasheet HTML 14Page - STMicroelectronics TS4604 Datasheet HTML 15Page - STMicroelectronics TS4604 Datasheet HTML 16Page - STMicroelectronics TS4604 Datasheet HTML 17Page - STMicroelectronics TS4604 Datasheet HTML 18Page - STMicroelectronics TS4604 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
TS4604
Characteristics of the headset driver
Doc ID 17913 Rev 1
15/31
Figure 36.
THD+N vs. frequency
(RL = 16 Ω, G = 20 dB)
Figure 37.
THD+N vs. frequency
(RL = 32 Ω, G = 0 dB)
Figure 38.
THD+N vs. frequency
(RL = 32 Ω, G = 20 dB)
Figure 39.
CMRR vs. frequency (headset)
100
1000
10000
1E-3
0.01
0.1
1
Po=1mW
Po=15mW
RL = 16
Ω
Vcc = 3.0V to 4.8V
G = 20dB, Inputs = 0
° & 180°
Bw < 20kHz, Tamb = 25
°C
20k
20
Frequency (Hz)
100
1000
10000
1E-3
0.01
0.1
1
Po=1mW
Po=10mW
RL = 32
Ω
Vcc = 3.0V to 4.8V
G = 0dB, Inputs = 0
° & 180°
Bw < 20kHz, Tamb = 25
°C
20k
20
Frequency (Hz)
100
1000
10000
1E-3
0.01
0.1
1
Po=1mW
Po=10mW
RL = 32
Ω
Vcc = 3.0V to 4.8V
G = 20dB, Inputs = 0
° & 180°
Bw < 20kHz, Tamb = 25
°C
20k
20
Frequency (Hz)
100
1000
10000
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
G=0dB
20k
20
G=20dB
ΔVic = 200mVpp
Vcc = 3.3V
RL
≥ 16Ω
Tamb = 25
°C
Frequency (Hz)
Figure 40.
PSSR vs. frequency (headset)
Figure 41.
Crosstalk vs. frequency
(left to right, Pout = 50 mW)
100
1000
10000
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
G=0dB
G=20dB
20k
20
Vripple = 200mVpp
Vcc = 3.3V
Inputs = grounded
RL
≥ 16Ω
Tamb = 25
°C
Frequency (Hz)
100
1000
10000
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Left to Right
20k
20
Right to Left
Vcc = 3.3V
Pout = 50mW, G=0dB
RL = 16
Ω
Tamb = 25
°C
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com